전자부품 데이터시트 검색엔진 |
|
P0080SCLRP 데이터시트(PDF) 2 Page - Littelfuse |
|
P0080SCLRP 데이터시트(HTML) 2 Page - Littelfuse |
2 / 5 page SIDACtor® Protection Thyristors Revised: 01/09/14 © 2014 Littelfuse, Inc. Specifications are subject to change without notice. Baseband Protection (Voice-DS1) SIDACtor® Series, DO-214 Electrical Parameters (continued) Surge Ratings I PP I TSM 50/60 Hz di/dt 0.2x310 1 0.5x700 2 2x10 1 2x10 2 8x20 1 1.2x50 2 10x160 1 10x160 2 10x560 1 10x560 2 5x320 1 9x720 2 10x360 1 10x360 2 10x1000 1 10x1000 2 5x310 1 10x700 2 A min A min A min A min A min A min A min A min A min A min Amps/μs max A 20 150 150 905075754575 20 500 B 25 250 250 150 100 100 125 80 100 25 500 C 50 500 400 200 150 200 175 100 200 3 30 500 Notes: 1 Current waveform in μs 2 Voltage waveform in μs 3 For surge rating of P4500SCLRP 10x700μs min=150A & typical=180A - Peak pulse current rating (I PP) is repetitive and guaranteed for the life of the product. - I PP ratings applicable over temperature range of -40ºC to +85ºC - The device must initially be in thermal equilibrium with -40°C < T J < +150°C Part Number Marking V DRM @l DRM=5μA V S @100V/μs I H I S I T V T @I T=2.2 Amps Capacitance @1MHz, 2V bias V min V max mA min mA max A max V max pF min pF max P0900SBLRP P09B 75 98 150 800 2.2 4 35 70 P1100SBLRP P11B 90 130 150 800 2.2 4 30 70 P1300SBLRP P13B 120 160 150 800 2.2 4 25 60 P1500SBLRP P15B 140 180 150 800 2.2 4 25 55 P1800SBLRP P18B 170 220 150 800 2.2 4 25 50 P2100SBLRP P21B 180 240 150 800 2.2 4 20 35 P2300SBLRP P23B 190 260 150 800 2.2 4 25 50 P2600SBLRP P26B 220 300 150 800 2.2 4 20 45 P3100SBLRP P31B 275 350 150 800 2.2 4 20 45 P3500SBLRP P35B 320 400 150 800 2.2 4 20 40 P4500SBLRP P45B 400 530 150 800 2.2 4 20 65 P0080SCLRP P-8C 6 25 50 800 2.2 4 45 260 P0220SCLRP P22C 15 32 50 800 2.2 4 30 240 P0300SCLRP P03C 25 40 50 800 2.2 4 25 250 P0640SCLRP P06C 58 77 150 800 2.2 4 55 155 P0720SCLRP P07C 65 88 150 800 2.2 4 50 150 P0900SCLRP P09C 75 98 150 800 2.2 4 45 140 P1100SCLRP P11C 90 130 150 800 2.2 4 45 115 P1300SCLRP P13C 120 160 150 800 2.2 4 40 105 P1500SCLRP P15C 140 180 150 800 2.2 4 35 95 P1800SCLRP P18C 170 220 150 800 2.2 4 35 90 P2100SCLRP P21C 180 240 150 800 2.2 4 30 90 P2300SCLRP P23C 190 260 150 800 2.2 4 30 80 P2600SCLRP P26C 220 300 150 800 2.2 4 30 80 P3100SCLRP P31C 275 350 150 800 2.2 4 30 70 P3500SCLRP P35C 320 400 150 800 2.2 4 25 65 P4500SCLRP P45C 400 530 150 800 2.2 4 20 65 Notes: - Absolute maximum ratings measured at T A= 25ºC (unless otherwise noted). - Devices are bi-directional. |
유사한 부품 번호 - P0080SCLRP |
|
유사한 설명 - P0080SCLRP |