전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7350TRPBF 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRF7350TRPBF
상세설명  Ultra Low On-Resistance
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7350TRPBF 데이터시트(HTML) 6 Page - International Rectifier

Back Button IRF7350TRPBF Datasheet HTML 2Page - International Rectifier IRF7350TRPBF Datasheet HTML 3Page - International Rectifier IRF7350TRPBF Datasheet HTML 4Page - International Rectifier IRF7350TRPBF Datasheet HTML 5Page - International Rectifier IRF7350TRPBF Datasheet HTML 6Page - International Rectifier IRF7350TRPBF Datasheet HTML 7Page - International Rectifier IRF7350TRPBF Datasheet HTML 8Page - International Rectifier IRF7350TRPBF Datasheet HTML 9Page - International Rectifier IRF7350TRPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
IRF7350PbF
6
www.irf.com
Fig 13. Typical On-Resistance Vs. Drain
Current
Fig 12. Typical On-Resistance Vs. Gate
Voltage
Fig 14. Typical Threshold Voltage Vs.
Junction Temperature
Fig 15. Typical Power Vs. Time
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
VGS, Gate -to -Source Voltage (V)
0.00
0.10
0.20
0.30
0.40
ID = 2.1A
02
468
10
ID , Drain Current (A)
0.15
0.16
0.17
0.18
VGS = 10V
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
2.0
2.5
3.0
3.5
4.0
ID = 250µA
1.00
10.00
100.00
1000.00
Time (sec)
0
10
20
30
40
50
60
70
N-CHANNEL


유사한 부품 번호 - IRF7350TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7350 IRF-IRF7350 Datasheet
238Kb / 16P
   Power MOSFET(Vdss=-100V)
IRF7350PBF IRF-IRF7350PBF Datasheet
308Kb / 16P
   HEXFET짰 Power MOSFET
More results

유사한 설명 - IRF7350TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com