전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

AXT364124 데이터시트(Datasheet) 1 Page - Panasonic Semiconductor

부품명 AXT364124
상세내용  Narrow pitch connectors (0.4mm pitch)
PDF  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo 

 
 1 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXT3, 4
ACCTB14E 201303-T
ORDERING INFORMATION
For board-to-board For board-to-FPC
P4S Series
Narrow pitch connectors
(0.4mm pitch)
FEATURES
1. Space-saving (3.6 mm widthwise)
Smaller compared to P4 series with
soldering terminals (30 pin contacts):
Socket — 38% smaller,
Header — 34% smaller
2. Strong resistance to adverse
environments! Utilizes
“” construction
for high contact reliability.
3. Greater flexibility in connector
placement.
Pattern wiring to the connector bottom is
made possible with a molded covering on
the undersurface of the connector.
4. Gull-wing-shaped terminals to
facilitate visual inspections.
5. Connectors for inspection available
APPLICATIONS
Mobile devices, such as cellular
phones, digital still cameras and
digital video cameras.
Socket
Header
RoHS compliant
8.70 (30 pin contacts)
7.90 (30 pin contacts)
3.60
2.35
Socket
Header
Pickup cover (Material: SUS)
(Both covered and uncovered
types are available.)
Pickup cover (Material: LCP)
(Both covered and uncovered
types are available.)
Soldering terminals
at each corner
Soldering terminals
at each corner
<Socket>
Connector bottom:
Create any thru-hole and pattern wiring.
Soldering terminals
at each corner
Soldering terminals
at each corner
<Header>
Mated height
<Socket>
1: For mated height 1.5 mm and 2.0 mm
2: For mated height 2.5 mm and 3.0 mm
<Header>
1: For mated height 1.5 mm and 2.5 mm
2: For mated height 2.0 mm
3: For mated height 3.0 mm
Surface treatment (Contact portion / Terminal portion)
<Socket> 4: Ni plating on base, Au plating on surface (for Ni barrier available)
<Header> 4: Ni plating on base, Au plating on surface
Number of pins (2 digits)
3: Narrow Pitch Connector P4S (0.4 mm pitch) Socket
4: Narrow Pitch Connector P4S (0.4 mm pitch) Header
Functions
<Socket/Header>
2: Without pickup cover, without positioning bosses
6: With pickup cover, without positioning bosses
AXT
4




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl