전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AXT364124 데이터시트(PDF) 15 Page - Panasonic Semiconductor

부품명 AXT364124
상세설명  Narrow pitch connectors (0.4mm pitch)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXT364124 데이터시트(HTML) 15 Page - Panasonic Semiconductor

Back Button AXT364124 Datasheet HTML 7Page - Panasonic Semiconductor AXT364124 Datasheet HTML 8Page - Panasonic Semiconductor AXT364124 Datasheet HTML 9Page - Panasonic Semiconductor AXT364124 Datasheet HTML 10Page - Panasonic Semiconductor AXT364124 Datasheet HTML 11Page - Panasonic Semiconductor AXT364124 Datasheet HTML 12Page - Panasonic Semiconductor AXT364124 Datasheet HTML 13Page - Panasonic Semiconductor AXT364124 Datasheet HTML 14Page - Panasonic Semiconductor AXT364124 Datasheet HTML 15Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
Notes on Using Narrow pitch Connectors
ACCTB48E 201303-T
Regarding sample orders to confirm proper mounting
When ordering samples to confirm
proper mounting with the placement
machine, connectors are delivered in 50-
piece units in the condition given right.
Consult a sale representative for ordering
sample units.
Condition when delivered from manufacturing
Required number
of products for
sample production
(Unit 50 pcs.)
Embossed tape
amount required for
the mounting
Reel
(Delivery can also be made on a reel by
customer request.)
Please refer to the latest product
specifications when designing your
product.


유사한 부품 번호 - AXT364124

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
AXT364124 PANASONIC-AXT364124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
More results

유사한 설명 - AXT364124

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXT510124 PANASONIC-AXT510124_13 Datasheet
304Kb / 11P
   Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
AXK714147G PANASONIC-AXK714147G Datasheet
403Kb / 12P
   Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com