전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU-7042-F-48-0 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 BU-7042-F-48-0
상세설명  Dual Tip Probe Test Lead
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

BU-7042-F-48-0 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-7042-F-48-0 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
Toll Free: 800.955.2629
1208 Massillon Rd. Ste. N-1500
www.muellerelectric.com
Phone: 330.780.2525
Akron, OH 44306-4524
Fax: 330.780.2524
BU-7042-F-XX-*
(Dual Tip Probe Test Lead)
DESCRIPTION:
The BU-7042-F-xx-*is a dual pogo tipped test probe. Each probe tip is spring loaded to
promote solid contact when the probe is held at an angle or the surface being tested is uneven. The
tab at the end of the probe corresponds to the tab on the dual 4mm banana plug. The connecting
cable is RG174 and has a 50 Ohm impedance. The pin spacing on the probe is .124”
Available Lengths: “XX” in the part number indicates length in inches;
44, 48, 144
Available colors: “*” in part number indicates color; -0=Black; -2=Red {shown}
MATERIAL:
Contact:
Gold plated beryllium Copper
Body:
Polypropylene
Ratings:
30 Volts Max.
RoHS Compliant


유사한 부품 번호 - BU-7042-F-48-0

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BU-70 ETC2-BU-70 Datasheet
49Kb / 1P
   Alligator Clip
BU-70C ETC2-BU-70C Datasheet
49Kb / 1P
   Alligator Clip
BU-70CS ETC2-BU-70CS Datasheet
53Kb / 1P
   Alligator Clip with Screw
BU-70S ETC2-BU-70S Datasheet
53Kb / 1P
   Alligator Clip with Screw
More results

유사한 설명 - BU-7042-F-48-0

제조업체부품명데이터시트상세설명
logo
Pomona Electronics
6477 POMONA-6477 Datasheet
42Kb / 1P
   Replaceable Tip Test Probe Set
5950A POMONA-5950A Datasheet
39Kb / 1P
   Test Probe Set Replaceable Tip
5952A POMONA-5952A Datasheet
38Kb / 1P
   Adjustable Tip Test Probe Set
5953A POMONA-5953A Datasheet
38Kb / 1P
   Adjustable Tip Test Probe Set
5951A POMONA-5951A Datasheet
38Kb / 1P
   Test Probe Set Replaceable Tip
6723 POMONA-6723 Datasheet
96Kb / 2P
   Test Lead Kit with 8/32 Threaded Probe Tip
6264 POMONA-6264 Datasheet
20Kb / 1P
   Probe Tip Alligator Clip Test Adapter
5689A POMONA-5689A Datasheet
49Kb / 1P
   Replaceable Tip Test Probe With Banana Jack
5906A POMONA-5906A Datasheet
22Kb / 1P
   Modular Test Probe Handle With Banana Plug Tip
5133 POMONA-5133 Datasheet
28Kb / 1P
   Test Lead Replaceable Micro Tip
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com