전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5227B 데이터시트(PDF) 2 Page - Dc Components

부품명 1N5227B
상세설명  TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DCCOM [Dc Components]
홈페이지  http://www.dccomponents.com
Logo DCCOM - Dc Components

1N5227B 데이터시트(HTML) 2 Page - Dc Components

  1N5227B Datasheet HTML 1Page - Dc Components 1N5227B Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (1N5221B THRU 1N5259B)
Nominal
Zener
Voltage
VZ@IZT
Volts
Zener
Test
Current
IZT
mA
Maximum Zener
Impedance
ZZT@IZT ZZT@IZK( )
Ohms
Ohms.
Maximum Reverse
Leakage Current
IR
@VR
uA
Volts
Typical
Temperature
Coefficient
% / oC
Maximum
Regulator
Current
IZM
mA
1N5221B
2.4
20
30
1200
-0.085
100
1.0
191
1N5222B
2.5
20
30
1250
-0.085
100
1.0
182
1N5223B
2.7
20
30
1300
-0.080
75
1.0
168
1N5224B
2.8
20
30
1400
-0.080
75
1.0
162
1N5225B
3.0
20
29
1600
+0.075
50
1.0
151
1N5226B
3.3
20
28
1600
-0.070
25
1.0
138
1N5227B
3.6
20
24
1700
-0.065
15
1.0
126
1N5228B
3.9
20
23
1900
-0.060
10
1.0
115
1N5229B
4.3
20
22
2000
±0.055
5.0
1.0
106
1N5230B
4.7
20
19
1900
±0.030
5.0
2.0
97
1N5231B
5.1
20
17
1600
±0.030
5.0
2.0
89
1N5232B
5.6
20
11
1600
+0.038
5.0
3.0
81
1N5233B
6.0
20
7
1600
+0.038
5.0
3.5
76
1N5234B
6.2
20
7
1000
+0.045
5.0
4.0
73
1N5235B
6.8
20
5
750
+0.050
3.0
5.0
67
1N5236B
7.5
20
6
500
+0.058
3.0
6.0
61
1N5237B
8.2
20
8
500
+0.062
3.0
6.5
55
1N5238B
8.7
20
8
600
+0.065
3.0
6.5
52
1N5239B
9.1
20
10
600
+0.068
3.0
7.0
50
1N5240B
10
20
17
600
+0.075
3.0
8.0
45
1N5241B
11
20
22
600
+0.076
2.0
8.4
41
1N5242B
12
20
30
600
+0.077
1.0
9.1
38
1N5243B
13
9.5
13
600
+0.079
0.5
9.9
35
1N5244B
14
9.0
15
600
+0.082
0.1
10
32
1N5245B
15
8.5
16
600
+0.082
0.1
11
30
1N5246B
16
7.8
17
600
+0.083
0.1
12
28
1N5247B
17
7.4
19
600
+0.084
0.1
13
27
1N5248B
18
7.0
21
600
+0.085
0.1
14
25
1N5249B
19
6.6
23
600
+0.085
0.1
14
24
1N5250B
20
6.2
25
600
+0.086
0.1
15
23
1N5251B
22
5.6
29
600
+0.087
0.1
17
21.2
1N5252B
24
5.2
33
600
+0.088
0.1
18
19.1
1N5253B
25
5.0
35
600
+0.089
0.1
19
18.2
1N5254B
27
4.6
41
600
+0.090
0.1
21
16.8
1N5255B
28
4.5
44
600
+0.091
0.1
21
16.2
1N5256B
30
4.2
49
600
+0.091
0.1
23
15.1
1N5257B
33
3.8
58
700
+0.092
0.1
25
13.8
1N5258B
36
3.4
70
700
+0.093
0.1
27
12.6
1N5259B
39
3.2
80
800
+0.094
0.1
30
11.5
Breakdown characteristics 1N52-SERIES
mA
50
40
30
20
10
0
5V
10V
15V
20V
25V
30V
IZ
VZ
Test Current
IZ 20mA
changes in the power dissipation
due to the ambient temperature.
500
400
300
200
100
Ta(
oC)
50
100 150 200 300
Ambient Temperature.
( )Izk=0.25mA
161
R
DC COMPONENTS CO., LTD.
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


유사한 부품 번호 - 1N5227B

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N5227B VISHAY-1N5227B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Zibo Seno Electronic En...
1N5227B ZSELEC-1N5227B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Tiger Electronic Co.,Lt...
1N5227B TGS-1N5227B Datasheet
264Kb / 3P
   Zener diode
logo
Fairchild Semiconductor
1N5227B FAIRCHILD-1N5227B Datasheet
193Kb / 4P
   Zeners
logo
Yea Shin Technology Co....
1N5227B YEASHIN-1N5227B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

유사한 설명 - 1N5227B

제조업체부품명데이터시트상세설명
logo
Dc Components
DL4728A DCCOM-DL4728A Datasheet
188Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZX55C2V4 DCCOM-BZX55C2V4 Datasheet
199Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZM55C2V4 DCCOM-BZM55C2V4 Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DLQ5221B DCCOM-DLQ5221B Datasheet
233Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZQ55C2V4 DCCOM-BZQ55C2V4 Datasheet
236Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
1N4728A DCCOM-1N4728A Datasheet
214Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DL5221B DCCOM-DL5221B Datasheet
220Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZV55C2V4 DCCOM-BZV55C2V4 Datasheet
238Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DLM5221B DCCOM-DLM5221B Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
MMSZ5221BS DCCOM-MMSZ5221BS Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com