전자부품 데이터시트 검색엔진 |
|
1N5240B 데이터시트(PDF) 2 Page - Dc Components |
|
1N5240B 데이터시트(HTML) 2 Page - Dc Components |
2 / 2 page RATING AND CHARACTERISTIC CURVES (1N5221B THRU 1N5259B) Nominal Zener Voltage VZ@IZT Volts Zener Test Current IZT mA Maximum Zener Impedance ZZT@IZT ZZT@IZK( ) Ohms Ohms. Maximum Reverse Leakage Current IR @VR uA Volts Typical Temperature Coefficient % / oC Maximum Regulator Current IZM mA 1N5221B 2.4 20 30 1200 -0.085 100 1.0 191 1N5222B 2.5 20 30 1250 -0.085 100 1.0 182 1N5223B 2.7 20 30 1300 -0.080 75 1.0 168 1N5224B 2.8 20 30 1400 -0.080 75 1.0 162 1N5225B 3.0 20 29 1600 +0.075 50 1.0 151 1N5226B 3.3 20 28 1600 -0.070 25 1.0 138 1N5227B 3.6 20 24 1700 -0.065 15 1.0 126 1N5228B 3.9 20 23 1900 -0.060 10 1.0 115 1N5229B 4.3 20 22 2000 ±0.055 5.0 1.0 106 1N5230B 4.7 20 19 1900 ±0.030 5.0 2.0 97 1N5231B 5.1 20 17 1600 ±0.030 5.0 2.0 89 1N5232B 5.6 20 11 1600 +0.038 5.0 3.0 81 1N5233B 6.0 20 7 1600 +0.038 5.0 3.5 76 1N5234B 6.2 20 7 1000 +0.045 5.0 4.0 73 1N5235B 6.8 20 5 750 +0.050 3.0 5.0 67 1N5236B 7.5 20 6 500 +0.058 3.0 6.0 61 1N5237B 8.2 20 8 500 +0.062 3.0 6.5 55 1N5238B 8.7 20 8 600 +0.065 3.0 6.5 52 1N5239B 9.1 20 10 600 +0.068 3.0 7.0 50 1N5240B 10 20 17 600 +0.075 3.0 8.0 45 1N5241B 11 20 22 600 +0.076 2.0 8.4 41 1N5242B 12 20 30 600 +0.077 1.0 9.1 38 1N5243B 13 9.5 13 600 +0.079 0.5 9.9 35 1N5244B 14 9.0 15 600 +0.082 0.1 10 32 1N5245B 15 8.5 16 600 +0.082 0.1 11 30 1N5246B 16 7.8 17 600 +0.083 0.1 12 28 1N5247B 17 7.4 19 600 +0.084 0.1 13 27 1N5248B 18 7.0 21 600 +0.085 0.1 14 25 1N5249B 19 6.6 23 600 +0.085 0.1 14 24 1N5250B 20 6.2 25 600 +0.086 0.1 15 23 1N5251B 22 5.6 29 600 +0.087 0.1 17 21.2 1N5252B 24 5.2 33 600 +0.088 0.1 18 19.1 1N5253B 25 5.0 35 600 +0.089 0.1 19 18.2 1N5254B 27 4.6 41 600 +0.090 0.1 21 16.8 1N5255B 28 4.5 44 600 +0.091 0.1 21 16.2 1N5256B 30 4.2 49 600 +0.091 0.1 23 15.1 1N5257B 33 3.8 58 700 +0.092 0.1 25 13.8 1N5258B 36 3.4 70 700 +0.093 0.1 27 12.6 1N5259B 39 3.2 80 800 +0.094 0.1 30 11.5 Breakdown characteristics 1N52-SERIES mA 50 40 30 20 10 0 5V 10V 15V 20V 25V 30V IZ VZ Test Current IZ 20mA changes in the power dissipation due to the ambient temperature. 500 400 300 200 100 Ta( oC) 50 100 150 200 300 Ambient Temperature. ( )Izk=0.25mA 161 R DC COMPONENTS CO., LTD. NEXT BACK EXIT NEXT BACK EXIT NEXT BACK EXIT |
유사한 부품 번호 - 1N5240B |
|
유사한 설명 - 1N5240B |