전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LK1608100M-T 데이터시트(PDF) 8 Page - Taiyo Yuden (U.S.A.), Inc

부품명 LK1608100M-T
상세설명  Notice for TAIYO YUDEN products
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
홈페이지  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LK1608100M-T 데이터시트(HTML) 8 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LK1608100M-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LK1608100M-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LK1608100M-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LK1608100M-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LK1608100M-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LK1608100M-T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LK1608100M-T Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LK1608100M-T Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LK1608100M-T Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_mlci_pack_e-E02R01
Embossed Tape (8mm wide)
Type
Thickness
mm(inch)
Chip cavity
Insertion Pitch
Tape Thickness
K
T
CK2125(0805)
1.25(0.049)
1.5±0.2
(0.059±0.008)
2.3±0.2
(0.091±0.008)
4.0±0.1
(0.157±0.004)
2.0
(0.079)
0.3
(0.012)
CKS2125(0805)
1.25(0.049)
1.5±0.2
(0.059±0.008)
2.3±0.2
(0.091±0.008)
4.0±0.1
(0.157±0.004)
2.0
(0.079)
0.3
(0.012)
CKP2012(0805)
0.9 (0.035)
1.55±0.2
(0.061±0.008)
2.3±0.2
(0.091±0.008)
4.0±0.1
(0.157±0.004)
1.3
(0.051)
0.3
(0.012)
CKP2016(0806)
0.9 (0.035)
1.8±0.1
(0.071±0.004)
2.2±0.1
(0.087±0.004)
4.0±0.1
(0.157±0.004)
1.3
(0.051)
0.25
(0.01)
CKP2520(1008)
0.7 (0.028)
2.3±0.1
(0.091±0.004)
2.8±0.1
(0.110±0.004)
4.0±0.1
(0.157±0.004)
1.4
(0.055)
0.3
(0.012)
0.9 (0.035)
1.4
(0.055)
1.1 (0.043)
1.7
(0.067)
NM2012(0805)
0.9 (0.035)
1.55±0.2
(0.061±0.008)
2.3±0.2
(0.091±0.008)
4.0±0.1
(0.157±0.004)
1.3
(0.051)
0.3
(0.012)
NM2520(1008)
0.9 (0.035)
2.3±0.1
(0.091±0.004)
2.8±0.1
(0.110±0.004)
4.0±0.1
(0.157±0.004)
1.4
(0.055)
0.3
(0.012)
1.1 (0.043)
1.7
(0.067)
LK2125(0805)
1.25(0.049)
1.5±0.2
(0.059±0.008)
2.3±0.2
(0.091±0.008)
4.0±0.1
(0.157±0.004)
2.0
(0.079)
0.3
(0.012)
HK2125(0805)
0.85(0.033)
1.5±0.2
(0.059±0.008)
2.3±0.2
(0.091±0.008)
4.0±0.1
(0.157±0.004)
1.5
(0.059)
0.3
(0.012)
1.0 (0.039)
2.0
(0.079)
BK2125(0805)
1.25(0.049)
1.5±0.2
(0.059±0.008)
2.3±0.2
(0.091±0.008)
4.0±0.1
(0.157±0.004)
2.0
(0.079)
0.3
(0.012)
BK3216(1206)
0.8(0.031)
1.9±0.1
(0.075±0.004)
3.5±0.1
(0.138±0.004)
4.0±0.1
(0.157±0.004)
1.4
(0.055)
0.3
(0.012)
MCF0806(0302)
0.4 (0.016)
0.75±0.05
(0.030±0.002)
0.95±0.05
(0.037±0.002)
2.0±0.05
(0.079±0.002)
0.55
(0.022)
0.3
(0.012)
MCF1210(0504)
0.55(0.022)
1.15±0.05
(0.045±0.002)
1.40±0.05
(0.055±0.002)
4.0±0.1
(0.157±0.004)
0.65
(0.026)
0.3
(0.012)
MCF2010(0804)
0.45(0.018)
1.1±0.1
(0.043±0.004)
2.3±0.1
(0.091±0.004)
4.0±0.1
(0.157±0.004)
0.85
(0.033)
0.3
(0.012)
Unit : mm(inch)
Embossed Tape (4mm wide)
Type
Thickness
mm(inch)
Chip cavity
Insertion Pitch
Tape Thickness
K
T
HKQ0402(01005)
0.2 (0.008)
0.23
0.43
1.0±0.02
0.5max.
0.25max.
Unit : mm


유사한 부품 번호 - LK1608100M-T

제조업체부품명데이터시트상세설명
logo
Taiyo Yuden (U.S.A.), I...
LK1608100M-T TAIYO-YUDEN-LK1608100M-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
More results

유사한 설명 - LK1608100M-T

제조업체부품명데이터시트상세설명
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com