전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4N23TX 데이터시트(PDF) 6 Page - OPTEK Technologies

부품명 4N23TX
상세설명  Hi-Reliability Optically Coupled Isolator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPTEK [OPTEK Technologies]
홈페이지  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

4N23TX 데이터시트(HTML) 6 Page - OPTEK Technologies

  4N23TX Datasheet HTML 1Page - OPTEK Technologies 4N23TX Datasheet HTML 2Page - OPTEK Technologies 4N23TX Datasheet HTML 3Page - OPTEK Technologies 4N23TX Datasheet HTML 4Page - OPTEK Technologies 4N23TX Datasheet HTML 5Page - OPTEK Technologies 4N23TX Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C
08/2010
Page 6 of 6
Hi-Reliability Optically Coupled Isolator
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
Typical Performance Curves
Collector Current vs Forward Current vs Temperature
0%
100%
200%
300%
400%
500%
600%
700%
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
IF - Forward current (mA)
-55°
-35°
-15°
+5°
+25°
+45°
+65°
+85°
+105°
+125°
Normalized at +25°C
IF = 1 mA and VCE = 5
V
Normalized Collector Current Vs Temperature
0%
20%
40%
60%
80%
100%
120%
140%
-55°
-35°
-15°
+5°
+25°
+45°
+65°
+85°
+105° +125°
Temperature (°C)
IF=1mA
Normalized at +25°C
IF=1mA and VCE=5 V
Normalized Collector Current Vs Temperature
0%
20%
40%
60%
80%
100%
120%
140%
-55°
-35°
-15°
+5°
+25°
+45°
+65°
+85°
+105° +125°
Temperature (°C)
IF=2mA
Normalized at +25°C
IF=2 mA and VCE=5 V


유사한 부품 번호 - 4N23TX

제조업체부품명데이터시트상세설명
logo
TT Electronics.
4N23TX TTELEC-4N23TX Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
4N23TXV TTELEC-4N23TXV Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
More results

유사한 설명 - 4N23TX

제조업체부품명데이터시트상세설명
logo
OPTEK Technologies
3C91CTX OPTEK-3C91CTX Datasheet
220Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
TT Electronics.
4N22 TTELEC-4N22 Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
3C91C TTELEC-3C91C Datasheet
748Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
OPTEK Technologies
JAN4N22 OPTEK-JAN4N22 Datasheet
216Kb / 4P
   Hi-Reliability Optically Coupled Isolator
OPI120TX OPTEK-OPI120TX Datasheet
242Kb / 2P
   Hi-Rel Optically Coupled Isolator
logo
TT Electronics.
OPI150TX TTELEC-OPI150TX Datasheet
276Kb / 3P
   High Reliability Optically Coupled Isolator
OPI120TX TTELEC-OPI120TX Datasheet
260Kb / 3P
   High Reliability Optically Coupled Isolator
logo
OPTEK Technologies
OPI125 OPTEK-OPI125 Datasheet
199Kb / 2P
   HI REL PHOTOLOGIC OPTICALLY COUPLED ISOLATOR
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com