전자부품 데이터시트 검색엔진 |
|
4-1393104-2 데이터시트(PDF) 3 Page - Tyco Electronics |
|
4-1393104-2 데이터시트(HTML) 3 Page - Tyco Electronics |
3 / 4 page 2 11-2012, Rev. 1112 www.te.com © 2012 Tyco Electronics Corporation, a TE Connectivity Ltd. company. Catalog and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Catalog and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Catalog product data, ‘Definitions’ section, application notes and all specifications are subject to change. Potter & Brumfield General Purpose Panel/Plug-in Relays KRPA Series Panel Plug-in Relay (Continued) Potter & Brumfield Dimensions KRPA KA Terminal assignment KRPA KRPA KRPA KA KA KA 1 form C 2 form C 3 form C 1 form C 2 form C 3 form C 1.406 MAX. (35.71) 1.406 MAX. (35.71) 2.0 MAX. (50.8) .25 (6.4) .44 (11.2) 1.06 MAX. (26.9) 1.468 MAX. (37.29) 1 STUD #6-32 THREAD .15 (3.8) .312 (7.92) 1.92 MAX. (48.8) 1 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 2 3 4 5 6 7 8 9 10 11 1 Product code structure Typical product code KRPA -5 A Y -120 Type KRPA Enclosed relay with octal-style plug KA Open style relay with solder terminals Contact arrangement and rating 5 1 form C (CO) 11 2 form C (CO) 14 3 form C (CO) Coil Input A AC, 50/60Hz D DC Contact material and indicator lamp option Y Ag, no indicator lamp G AgCdO, no indicator lamp N AgCdO, with indicator (Code N only available with relay type KRPA) Options Leave blank no additional options F Au flashed contacts P Push to test button (Options F and P only available with relay type KRPA) Coil voltage Coil code: please refer to coil versions table |
유사한 부품 번호 - 4-1393104-2 |
|
유사한 설명 - 4-1393104-2 |