전자부품 데이터시트 검색엔진 |
|
1N4934L 데이터시트(PDF) 2 Page - Diodes Incorporated |
|
1N4934L 데이터시트(HTML) 2 Page - Diodes Incorporated |
2 / 2 page D S26002 Rev. E-2 2 of 2 1N4933/L-1N4937/L 1 10 100 1 10 100 V , REVERSE VOLTAGE (V) Fig.4 Typical Junction Capacitance R T = 25C f = 1MHz j 110 100 0 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current 10 20 30 Pulse Width 8.3ms Single Half Sine-Wave 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.1 1.0 10 20 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics F T = 25°C Pulse Width = 300µs J 0 25 50 75 100 125 150 175 0.2 0.4 0.6 0.8 1.0 0 T , AMBIENT TEMPERATURE (ºC) Fig. 1 Forward Current Derating Curves A PC Board Mounted 9.5mm Lead Lengths |
유사한 부품 번호 - 1N4934L |
|
유사한 설명 - 1N4934L |