전자부품 데이터시트 검색엔진 |
|
1-1393763-9 데이터시트(PDF) 1 Page - Tyco Electronics |
|
1-1393763-9 데이터시트(HTML) 1 Page - Tyco Electronics |
1 / 4 page 08-2011, Rev. 0811 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 1 AXICOM Signal Relays n Direct coil control with TTL-signals possible n Highly reliable switching n High switching rates n Ultrasonic cleanable n High vibration and shock resistance Typical applications Incircuit tester, measuring and control systems, telecom equipment, alarm and security equipment Approvals UL File No. 111441 Technical data of approved types on request Contact Data form A form C Contact arrangement 1 form A (1 NO), 1 form C (CO) 2 form A (2 NO) Max. switching voltage at rated coil voltage 5VDC 200VDC/VACpeak 175VDC at rated coil voltage 12to 24VDC 200VDC/VACpeak 175VDCpeak Limiting continuous current 1A 1.2A Switching power 10W, 10VA 3W, 3VA Contact material Ruthenium Contact style reed contact Initial contact resistance <150mΩ Operate / release time max. 0.75/0.15ms 1.1/1.6ms Electrical endurance at 12V/10mA 50x106 operations at 24V/400mA 5x106 operations Coil Data Magnetic system neutral Coil voltage range 5 to 24VDC Max. coil temperature 105°C Thermal resistance < 75K/W Coil versions, monostable Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ω±10% mW 1 form A (1 NO) contact 05 5VDC 3.5 0.75 500 50 12 12VDC 8.4 1.80 1000 144 15 15VDC 10.5 2.25 2000 112 24 24VDC 16.8 3.60 2000 288 2 form A (2 NO) or 1 form C (1 CO) contact 05 5VDC 3.5 0.75 200 125 12 12VDC 8.4 1.80 500 288 15 15VDC 10.5 2.25 2000 112 24 24VDC 16.8 3.60 2000 288 All figures are given for coil without pre-energization, at ambient temperature +23°C. Coil Data (continued) Coil versions, limiting operate voltage Coil DIP flat, DIP flat DIP high DIP high DIP high Mini SIL code SIL, 1 form A 1 form C 2 form A 1 form C 1 form A 1 form A with diode std,diode diode+ shield VDC VDC VDC VDC VDC VDC 05 22.0 14.0 13.0 14.0 14.5 13.6 12 33.0 25.0 22.0 25.0 23.5 21.6 15 44.0 47.0 44.0 47.0 14.5 - 24 44.0 47.0 44.0 47.0 49.0 - All figures are given for coil without pre-energization, at ambient temperature +23°C Coil operative range Coil operative range graphs UI Minimum voltage at 23°C after pre-energizing with rated voltage without contact current UII Maximum continous voltage at 23°C The operating voltage limits UI and UII depend on the temperature according to the formula: UI tamb KIxUI 23°C and UII tamb KIlxUIl 23°C tamb Ambient temperature UI tamb Minimum voltage at ambient temperature, tamb UII tamb Maximum voltage at ambient temperature, tamb KI , KII Factors (dependent on temperature), see diagram Reed Relay V23100 -V4 108-98011 Rev. C All specifications subject to change. Consult Tyco Electronics for latest specifications. 7 of 13 Telecom-, Signal and RF Relays Reed V23100-V4 Relay AXICOM Coil Data (values at 23 °C) Ordering Information Nominal voltage U nom Operate/set voltage range Release/ reset voltage Minimum Coil power Coil Resistance Relay code Tyco part number Minimum voltage U min Maximum voltage U max Vdc Vdc Vdc Vdc mW / ± 10 % DIP version high: 2 form a contact, standard 5 3.5 14 0.75 125 200 V23100-V4305-B000 1-1393763-8 12 8.4 25 1.80 288 500 V23100-V4312-B000 2-1393763-6 15 10.5 47 2.25 112 2000 V23100-V4315-B000 3-1393763-2 24 16.8 47 3.60 288 2000 V23100-V4324-B000 3-1393763-8 DIP version high: 2 form a contact, with diode 5 3.5 14 0.75 125 200 V23100-V4305-B010 1-1393763-9 12 8.4 25 1.80 288 500 V23100-V4312-B010 2-1393763-7 15 10.5 47 2.25 112 2000 V23100-V4315-B010 3-1393763-3 24 16.8 47 3.60 288 2000 V23100-V4324-B010 3-1393763-9 DIP version high: 1 form c contact, with diode 5 3.5 14.5 0.75 125 200 V23100-V4305-C010 2-1393763-2 12 8.4 23.5 1.80 288 500 V23100-V4312-C010 3-1393763-0 15 10.5 14.5 2.25 112 2000 V23100-V4315-C010 3-1393763-6 24 16.8 49.0 3.60 288 2000 V23100-V4324-C010 4-1393763-2 DIP version high: 1 form c contact, with diode and electrostatic shield 5 3.5 14.5 0.75 125 200 V23100-V4305-C011 2-1393763-3 12 8.4 23.5 1.80 288 500 V23100-V4312-C011 3-1393763-1 15 10.5 14.5 2.25 112 2000 V23100-V4315-C011 3-1393763-7 24 16.8 49.0 3.60 288 2000 V23100-V4324-C011 4-1393763-3 UI = Minimum voltage at 23 °C after preenergizing with nominal voltage without contact current UII = Maximum continous voltage at 23 °C The operating voltage limits UI and UII depend on the temperature according to the formula: UI tamb = KI · UI 23 °C and UII tamb = KIl · UIl 23 °C tamb = Ambient temperature UI tamb = Minimum voltage at ambient temperature, tamb UII tamb = Maximum voltage at ambient temperature, tamb kI , kII = Factors (dependent on temperature), see diagram Ambient temperature tamb [°C] Z |
유사한 부품 번호 - 1-1393763-9 |
|
유사한 설명 - 1-1393763-9 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |