전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1850-0000-000N00X240F 데이터시트(PDF) 10 Page - Cree, Inc

부품명 CXA1850-0000-000N00X240F
상세설명  Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1850-0000-000N00X240F 데이터시트(HTML) 10 Page - Cree, Inc

Back Button CXA1850-0000-000N00X240F Datasheet HTML 6Page - Cree, Inc CXA1850-0000-000N00X240F Datasheet HTML 7Page - Cree, Inc CXA1850-0000-000N00X240F Datasheet HTML 8Page - Cree, Inc CXA1850-0000-000N00X240F Datasheet HTML 9Page - Cree, Inc CXA1850-0000-000N00X240F Datasheet HTML 10Page - Cree, Inc CXA1850-0000-000N00X240F Datasheet HTML 11Page - Cree, Inc CXA1850-0000-000N00X240F Datasheet HTML 12Page - Cree, Inc CXA1850-0000-000N00X240F Datasheet HTML 13Page - Cree, Inc CXA1850-0000-000N00X240F Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
10
XLamp CXa1850 LED
ansi White bins
code
cct
bin
code
x
y
0e1
6500 K
1A0
0.3048 0.3207
0.3130 0.3290
0.3144 0.3186
0.3068 0.3113
1B0
0.3028 0.3304
0.3115 0.3391
0.3130 0.3290
0.3048 0.3207
1C0
0.3115 0.3391
0.3205 0.3481
0.3213 0.3373
0.3130 0.3290
1D0
0.3130 0.3290
0.3213 0.3373
0.3221 0.3261
0.3144 0.3186
ansi White bins
code
cct
bin
code
x
y
0e2
5700 K
2A0
0.3215 0.3350
0.3290 0.3417
0.3290 0.3300
0.3222 0.3243
2B0
0.3207 0.3462
0.3290 0.3538
0.3290 0.3417
0.3215 0.3350
2C0
0.3290 0.3538
0.3376 0.3616
0.3371 0.3490
0.3290 0.3417
2D0
0.3290 0.3417
0.3371 0.3490
0.3366 0.3369
0.3290 0.3300
ansi White bins
code
cct
bin
code
x
y
0e5
4000 K
5A0
.3670
.3578
.3702
.3722
.3825
.3798
.3783
.3646
5B0
.3702
.3722
.3736
.3874
.3869
.3958
.3825
.3798
5C0
.3825
.3798
.3869
.3958
.4006
.4044
.3950
.3875
5D0
.3783
.3646
.3825
.3798
.3950
.3875
.3898
.3716
ansi White bins
code
cct
bin
code
x
y
0e3
5000 K
3A0
.3371
.3490
.3451
.3554
.3440
.3427
.3366
.3369
3B0
.3376
.3616
.3463
.3687
.3451
.3554
.3371
.3490
3C0
.3463
.3687
.3551
.3760
.3533
.3620
.3451
.3554
3D0
.3451
.3554
.3533
.3620
.3515
.3487
.3440
.3427
Performance grouPs - chromaticity (t
J = 85 °c) - continued


유사한 부품 번호 - CXA1850-0000-000N00X240F

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1851 SONY-CXA1851 Datasheet
223Kb / 12P
   Up/Down Converter for 900 MHz-Band Mobile Communications
CXA1851N SONY-CXA1851N Datasheet
223Kb / 12P
   Up/Down Converter for 900 MHz-Band Mobile Communications
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
   Quadrature Modulator for 900 MHz-Band Mobile Communications
CXA1853AQ SONY-CXA1853AQ Datasheet
699Kb / 39P
   RGB Driver for LCD
CXA1853Q SONY-CXA1853Q Datasheet
758Kb / 39P
   RGB Driver for LCD
More results

유사한 설명 - CXA1850-0000-000N00X240F

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA2590 CREE-CXA2590 Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
MK-R CREE-MK-R Datasheet
1Mb / 33P
   Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
CXB1310 CREE-CXB1310 Datasheet
2Mb / 20P
   Available in 5-step EasyWhite
CXB1520 CREE-CXB1520 Datasheet
2Mb / 15P
   Available in 5-step EasyWhite
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
   Step-up, step-down, step-up and step-down LED driver chip
logo
Mallory Sonalert Produc...
MSE28MTT3S MSPI-MSE28MTT3S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Mallory performance clu...
PN8732 MALLORY-PN8732 Datasheet
241Kb / 4P
   Digital 2-Step
8732 MALLORY-8732 Datasheet
241Kb / 4P
   Digital 2-Step
logo
Mallory Sonalert Produc...
MSE28LDT8S MSPI-MSE28LDT8S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Hammond Manufacturing L...
1457K1602 HAMMOND-1457K1602 Datasheet
994Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com