전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM34063AQ8 데이터시트(PDF) 5 Page - Cystech Electonics Corp.

부품명 LM34063AQ8
상세설명  DC-to-DC Converter Control Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM34063AQ8 데이터시트(HTML) 5 Page - Cystech Electonics Corp.

  LM34063AQ8 Datasheet HTML 1Page - Cystech Electonics Corp. LM34063AQ8 Datasheet HTML 2Page - Cystech Electonics Corp. LM34063AQ8 Datasheet HTML 3Page - Cystech Electonics Corp. LM34063AQ8 Datasheet HTML 4Page - Cystech Electonics Corp. LM34063AQ8 Datasheet HTML 5Page - Cystech Electonics Corp. LM34063AQ8 Datasheet HTML 6Page - Cystech Electonics Corp. LM34063AQ8 Datasheet HTML 7Page - Cystech Electonics Corp. LM34063AQ8 Datasheet HTML 8Page - Cystech Electonics Corp. LM34063AQ8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C501Q8
Issued Date : 2003.03.21
Revised Date :2011.09.06
Page No. : 5/9
LM34063AQ8
CYStek Product Specification
Application Information (Continued)
Vin
1
8
2
3
4
5
6
7
Fig.5 Step-Down Converter With External PNP Saturation Switch
Vout
LM34063A
R2
R1
Q1
L1
D1
RSC
C1
RA
RB
Cout
CT
1
8
2
3
4
5
6
7
Fig.6 Voltage Inverting Converter
Vout
-12V / 100mA
Cout
470
μF
L1
100
μH
D1
1N5819
CT
680
ρF
LM34063A
RSC
0.25Ω
C1
100
μF
RB
8.2k
Ω
RA
953
Ω
Vin
4.5V-6V
Line Regulation : 20mV (Vin=4.5V~6V, @Io=100mA)
Load Regulation : 100mV (Vin=5V, @Io=10mA~100mA)
1
8
2
3
4
5
6
7
Fig.7 Voltage Inverting Converter With External PNP Saturation Switch
Vout
Cout
D1
L1
R1
R2
LM34063A
CT
RSC
RA
RB
C1
Vin
Q1


유사한 부품 번호 - LM34063AQ8

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406 TI1-LM3406 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 TI1-LM3406 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3406HV NSC-LM3406HV Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
More results

유사한 설명 - LM34063AQ8

제조업체부품명데이터시트상세설명
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Seaward Electronics Inc...
SE34063 SEAWARD-SE34063 Datasheet
113Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS34063 ADMOS-AMS34063 Datasheet
69Kb / 7P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
PL34063AP8 CYSTEKEC-PL34063AP8 Datasheet
200Kb / 7P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS36063 ADMOS-AMS36063 Datasheet
37Kb / 4P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
MC34063AQ8 CYSTEKEC-MC34063AQ8 Datasheet
220Kb / 7P
   DC-to-DC Converter Control Circuit
PL34063AQ8 CYSTEKEC-PL34063AQ8 Datasheet
196Kb / 7P
   DC-to-DC Converter Control Circuit
logo
List of Unclassifed Man...
B34063A ETC-B34063A Datasheet
478Kb / 9P
   1.5Amp DC-to-DC Converter Control Circuit
GM34063 ETC1-GM34063 Datasheet
182Kb / 10P
   1.5A DC-to-DC CONVERTER CONTROL CIRCUIT
logo
Gamma Microelectronics ...
GM34063 GAMMA-GM34063 Datasheet
297Kb / 16P
   1.5A DC-TO-DC CONVERTER CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com