전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI537X-EVB 데이터시트(PDF) 4 Page - Silicon Laboratories

부품명 SI537X-EVB
상세설명  EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI537X-EVB 데이터시트(HTML) 4 Page - Silicon Laboratories

  SI537X-EVB Datasheet HTML 1Page - Silicon Laboratories SI537X-EVB Datasheet HTML 2Page - Silicon Laboratories SI537X-EVB Datasheet HTML 3Page - Silicon Laboratories SI537X-EVB Datasheet HTML 4Page - Silicon Laboratories SI537X-EVB Datasheet HTML 5Page - Silicon Laboratories SI537X-EVB Datasheet HTML 6Page - Silicon Laboratories SI537X-EVB Datasheet HTML 7Page - Silicon Laboratories SI537X-EVB Datasheet HTML 8Page - Silicon Laboratories SI537X-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Si321xPPQx-EVB
4
Rev. 1.2
Table 5. Audio Precision SIA-2322 DIP Switch Setting
Receiver Mode
Transmitter Mode
00111001
00000010
11111101
01111001
0000001
00000010
11111101
01111001
Note: 256 kHz PCLK and 8 kHz FS.
Table 6. Wandel and Goltermann PCM-4 Settings
General Configuration
2.14
General Configuration
3.13
General Configuration
4.13
For µ-law Add the Following:
General Configuration
7.12
General Configuration
7.22


유사한 부품 번호 - SI537X-EVB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5374 SILABS-SI5374 Datasheet
352Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5374 SKYWORKS-SI5374 Datasheet
796Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
SI5374 SKYWORKS-SI5374 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5374-EVB SKYWORKS-SI5374-EVB Datasheet
796Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
SI5374B-A-BL SKYWORKS-SI5374B-A-BL Datasheet
796Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
More results

유사한 설명 - SI537X-EVB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3220PPT-EVB SILABS-SI3220PPT-EVB Datasheet
777Kb / 16P
   EVALUATION BOARD FOR THE Si3220 DUAL PROSLIC
SI3232PPT0-EVB SILABS-SI3232PPT0-EVB Datasheet
1,017Kb / 18P
   EVALUATION BOARD FOR THE Si3232 DUAL PROSLIC
SI3225PPT-EVB SILABS-SI3225PPT-EVB Datasheet
693Kb / 16P
   EVALUATION BOARD FOR THE Si3225 DUAL PROSLIC
AN45 SILABS-AN45 Datasheet
219Kb / 14P
   DESIGN GUIDE FOR THE Si3210/15/16 DC-DC CONVERTER
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
Silicon Laboratories
SI2493 SILABS-SI2493 Datasheet
684Kb / 36P
   Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com