전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si32260-C-FM 데이터시트(PDF) 2 Page - Silicon Laboratories

부품명 Si32260-C-FM
상세설명  Single-Chip Dual ProSLIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si32260-C-FM 데이터시트(HTML) 2 Page - Silicon Laboratories

  Si32260-C-FM Datasheet HTML 1Page - Silicon Laboratories Si32260-C-FM Datasheet HTML 2Page - Silicon Laboratories Si32260-C-FM Datasheet HTML 3Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ProSLIC
Copyright © 2011 by Silicon Laboratories
7.8.11
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
Si32260/61
Single-Chip Dual ProSLIC®
Selected Electrical Specifications
Ordering Guide
Parameter
Symbol
Test Condition
Min
Typical
Max
Unit
Ambient Temperature
TA
F-Grade
0
25
70
°C
G-Grade
–40
25
85
°C
Supply Voltage
VDD
3.13
3.3
3.47
V
Battery Voltage
VBAT
–15
–110/–140
V
Maximum Loop Resistance
(loop + load)
RLOOP
ILOOP=18 mA, VBAT = –52 V
2000
DC Differential Output
Resistance
RDO
ILOOP < ILIM
160
640
Idle Channel Noise
C-Message weighted
8
12
dBrnC
PSRR from VDD
RX and TX, dc to 3.4 kHz
55
dB
Longitudinal to Metallic/PCM
Balance (forward or reverse)
200 Hz to 1 kHz
58
60
dB
1 kHz to 3.4 kHz
53
58
dB
Metallic/PCM to Longitudinal Balance
200 Hz to 3.4 kHz
40
dB
Longitudinal Impedance
200 Hz to 3.4 kHz at
TIP or RING
50
Longitudinal Current per Pin
Active off-hook
200 Hz to 3.4 kHz
25
mA
DC Feed Current
45
mA
2-Wire Return Loss
200 Hz to 3.4 kHz
26
30
dB
Transhybrid Balance
300 Hz to 3.4 kHz
26
30
dB
Thermal Resistance (QFN-60)
θJA
42
°C/W
FXS Pin
Description
Max Vbat
Temperature
Si32260-C-FM
Dual FXS, wideband capable
–110 V
0 to 70 °C
Si32260-C-GM
Dual FXS, wideband capable
–110 V
–40 to 85 °C
Si32261-C-FM
Dual FXS, wideband capable
–140 V
0 to 70 °C
Si32261-C-GM
Dual FXS, wideband capable
–140 V
–40 to 85 °C
*Note:
Adding the suffix "R" to the part number (e.g., Si32261-C-FMR) denotes tape and ree
Package Information 60-pin QFN
c
D
D2
D3
e
b
8.00 BSC
7.50 BSC
Min
Typ
Max
MM
0.20
0.25
0.30
A
0.60
0.65
0.70
E
E2
6.35
6.40
6.45
E3
E4
2.46
2.51
2.56
0.25
0.30
0.35
6.35
6.40
6.45
0.50 BSC
8.00 BSC
7.50 BSC
E5
3.34
3.39
3.44
L
0.35
0.40
0.45
L1
0.05
0.10
0.15
aaa
0.15
bbb
0.15
ccc
0.10
ddd
0.10


유사한 부품 번호 - Si32260-C-FM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si32260-C-FM SILABS-Si32260-C-FM Datasheet
41Kb / 2P
   Silicon Laboratories is pleased to announce revision 1.1 of the datasheet
Si32260-C-FM1 SILABS-Si32260-C-FM1 Datasheet
41Kb / 2P
   Silicon Laboratories is pleased to announce revision 1.1 of the datasheet
More results

유사한 설명 - Si32260-C-FM

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI32260 SKYWORKS-SI32260 Datasheet
1Mb / 59P
   SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
SI3228X SKYWORKS-SI3228X Datasheet
1Mb / 42P
   ProSLIC® Single-Chip Dual FXS Solution
Rev. 1.0 August 11, 2021
SI3229X SKYWORKS-SI3229X Datasheet
1Mb / 43P
   ProSLIC® Single-Chip Dual FXS Solution
Rev. 1.1 July 26, 2021
SI3217X-C SKYWORKS-SI3217X-C Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
logo
Silicon Laboratories
SI32178-B-FM SILABS-SI32178-B-FM Datasheet
91Kb / 2P
   ProSLIC Single-Chip FXS Solution with FXO Option
logo
Skyworks Solutions Inc.
SI3217XB SKYWORKS-SI3217XB Datasheet
1Mb / 50P
   PROSLIC® SINGLE-CHIP FXS SOLUTION WITH FXO OPTION
Rev. 1.5 August 12, 2021
SI3219X SKYWORKS-SI3219X Datasheet
1Mb / 32P
   ProSLIC® Single FXS Solution
Rev. 1.0 October 6, 2021
logo
Silicon Laboratories
SI3220PPT-EVB SILABS-SI3220PPT-EVB Datasheet
777Kb / 16P
   EVALUATION BOARD FOR THE Si3220 DUAL PROSLIC
logo
Skyworks Solutions Inc.
SI3218X SKYWORKS-SI3218X Datasheet
1Mb / 43P
   ProSLIC® Single-Channel FXS Solutions
Rev. 1.0 October 6, 2021
SI32172 SKYWORKS-SI32172 Datasheet
616Kb / 46P
   PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com