전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DZN-2R5D105G3T 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 DZN-2R5D105G3T
상세설명  High power type Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

DZN-2R5D105G3T 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  DZN-2R5D105G3T Datasheet HTML 1Page - List of Unclassifed Manufacturers DZN-2R5D105G3T Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.No.2013/2014E
Standard Ratings (Series DZ 2.5V)
Max. operating voltage (V) Rated capacitance (F) Max. Leakage Current (mA) after 24h
ELNA Parts No.
φD×L (mm)
Internal resistance
(Ω max.) at 1kHz
Internal resistance (mΩ)
at 1kHz (measurement value)
2.5
0.7
0.1
DZN-2R5D704G4T
8.0×15.0
0.4
200
2.5
0.9
0.1
DZN-2R5D904F4T
6.3×14.0
0.4
300
2.5
1.0
0.1
DZN-2R5D105G3T
8.0×12.0
0.3
150
2.5
1.0
0.1
DZN-2R5D105G4T
8.0×15.0
0.3
150
2.5
1.0
0.1
DZN-2R5D105T
8.0×22.0
0.3
120
2.5
2.7
0.2
DZN-2R5D275G5T
8.0×22.0
0.3
120
2.5
3.3
0.2
DZN-2R5D335H5T
10.0×20.0
0.2
60
2.5
3.3
0.2
DZN-2R5D335T
12.5×23.0
0.2
60
2.5
4.7
0.3
DZN-2R5D475H5T
10.0×20.0
0.1
70
2.5
4.7
0.3
DZN-2R5D475T
12.5×31.5
0.1
35
2.5
6.8
0.4
DZN-2R5D685H7T
10.0×30.0
0.1
40
2.5
10
0.5
DZN-2R5D106H8T
10.0×35.0
0.1
35
2.5
10
0.5
DZN-2R5D106Z8T
12.5×36.5
0.1
30
2.5
10
0.5
DZN-2R5D106T
18.0×35.0
0.1
25
2.5
15
0.7
DZN-2R5D156J5T
16.0×20.0
0.1
30
2.5
20
0.8
DZN-2R5D206K8T
18.0×35.0
0.1
25
2.5
20
0.8
DZN-2R5D206T
18.0×40.0
0.1
20
2.5
22
0.8
DZN-2R5D226J6T
16.0×25.0
0.1
25
2.5
30
0.8
DZN-2R5D306K9T
18.0×40.0
0.1
25
2.5
33
0.8
DZN-2R5D336J8T
16.0×35.5
0.1
25
2.5
50
1.0
DZN-2R5D506T
25.0×40.0
0.03
15
2.5
100
1.0
DZN-2R5D107S37T
25.0×50.0
0.03
15
2.5
100
1.0
DZN-2R5D107T
35.0×50.0
0.03
8
2.5
200
2.0
DZN-2R5D207S57T
35.0×50.0
0.03
8
We tailor packaged product in series and parallel arrangements according to voltage and capacitance as required.
Standard Ratings (Series DZ 2.7V)
Max. operating voltage (V) Rated capacitance (F) Max. Leakage Current (mA) after 24h
ELNA Parts No.
φD×L (mm)
Internal resistance
(Ω max.) at 1kHz
Internal resistance (mΩ)
at 1kHz (measurement value)
2.7
0.7
0.2
DZN-2R7D704G4T
8.0×15.0
0.4
200
2.7
0.9
0.2
DZN-2R7D904F4T
6.3×14.0
0.4
300
2.7
1.0
0.2
DZN-2R7D105G3T
8.0×12.0
0.3
150
2.7
1.0
0.2
DZN-2R7D105G4T
8.0×15.0
0.3
150
2.7
1.0
0.2
DZN-2R7D105G5T
8.0×22.0
0.3
120
2.7
2.7
0.3
DZN-2R7D275G5T
8.0×22.0
0.3
120
2.7
3.3
0.3
DZN-2R7D335H5T
10.0×20.0
0.2
90
2.7
3.3
0.3
DZN-2R7D335Z6T
12.5×23.0
0.2
60
2.7
4.7
0.4
DZN-2R7D475H5T
10.0×20.0
0.1
70
2.7
4.7
0.4
DZN-2R7D475Z7T
12.5×31.5
0.1
35
2.7
6.8
0.5
DZN-2R7D685H7T
10.0×30.0
0.1
40
2.7
10
0.6
DZN-2R7D106H8T
10.0×35.0
0.1
35
2.7
10
0.6
DZN-2R7D106Z8T
12.5×36.5
0.1
30
2.7
10
0.6
DZN-2R7D106K8T
18.0×35.0
0.1
25
2.7
15
0.8
DZN-2R7D156J6T
16.0×25.0
0.1
40
2.7
20
1.0
DZN-2R7D206K8T
18.0×35.0
0.1
25
2.7
20
1.0
DZN-2R7D206K9T
18.0×40.0
0.1
25
2.7
22
1.0
DZN-2R7D226J7T
16.0×31.5
0.1
25
2.7
30
1.0
DZN-2R7D306K9T
18.0×40.0
0.1
25
2.7
33
1.0
DZN-2R7D336J9T
16.0×40.0
0.1
25
We tailor packaged product in series and parallel arrangements according to voltage and capacitance as required.
205
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
®
ELECTRIC DOUBLE LAYER CAPACITORS “DYNACAP”
DZN


유사한 설명 - DZN-2R5D105G3T

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
DZ-2R5D105 ETC2-DZ-2R5D105 Datasheet
59Kb / 2P
   High Energy type Capacitors
logo
YAGEO Corporation
PNP300JR-73 YAGEO-PNP300JR-73 Datasheet
187Kb / 2P
   High Power Type
logo
Semtech Corporation
4020 SEMTECH-4020 Datasheet
95Kb / 2P
   HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
logo
Taiyo Yuden (U.S.A.), I...
UMK325AB7106KM-P TAIYO-YUDEN-UMK325AB7106KM-P Datasheet
438Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
UMK325BJ106MM-P TAIYO-YUDEN-UMK325BJ106MM-P Datasheet
441Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
EMK063BJ153MP-F TAIYO-YUDEN-EMK063BJ153MP-F Datasheet
407Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
TMK105AC6105KV-F TAIYO-YUDEN-TMK105AC6105KV-F Datasheet
396Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
TMK325ABJ476MM-P TAIYO-YUDEN-TMK325ABJ476MM-P Datasheet
441Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
EMK105CC6225KV-F TAIYO-YUDEN-EMK105CC6225KV-F Datasheet
408Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
JMK316BBJ227ML-TE TAIYO-YUDEN-JMK316BBJ227ML-TE Datasheet
408Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com