전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7702TR 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRF7702TR
상세설명  Ultra Low On-Resistance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7702TR 데이터시트(HTML) 7 Page - International Rectifier

  IRF7702TR Datasheet HTML 1Page - International Rectifier IRF7702TR Datasheet HTML 2Page - International Rectifier IRF7702TR Datasheet HTML 3Page - International Rectifier IRF7702TR Datasheet HTML 4Page - International Rectifier IRF7702TR Datasheet HTML 5Page - International Rectifier IRF7702TR Datasheet HTML 6Page - International Rectifier IRF7702TR Datasheet HTML 7Page - International Rectifier IRF7702TR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRF7702
www.irf.com
7
PROVISIONAL
EXAMPLE: T HIS IS AN IRF7702
DAT E CODE (YW)
PART NUMBER
LOT CODE (XX)
DAT E CODE EXAMPLES :
9503 = 5C
9532 = EF
7702
XXYW
WORK WEEK 27-52, ALPHANUMERIC YEAR CODE (A,B, ...ETC.)
2000
K
52
51
50
Z
Y
X
2001
1995
1999
1998
1997
1996
1994
2003
2002
YEAR
AA
27
E
H
G
F
J
D
C
B
30
29
28
D
C
B
TABLE 2
Y
WORK
WEEK
26
W
Z
WORK WEEK 1-26, NUMERIC YEAR CODE (1,2, ....ET C.)
2003
1997
2000
1998
1999
1996
1995
1994
2002
2001
YEAR
3C
03
7
8
9
0
25
24
5
6
404
Y
X
D
WORK
2
1
YWEEK
02
01
TABLE 1
B
A
W
TSSOP-8 Part Marking Information
Ø 13"
16mm
1. T APE & REEL OUT LINE CONF ORMS T O E IA-481 & E IA-541.
NOT E S:
16 mm
8 mm
F EED DIRECT ION
8LT SSOP (MO-153AA)
TSSOP-8 Tape and Reel


유사한 부품 번호 - IRF7702TR

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7702TRPBF IRF-IRF7702TRPBF Datasheet
190Kb / 8P
   Ultra Low On-Resistance
More results

유사한 설명 - IRF7702TR

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com