전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-1437644-8 데이터시트(PDF) 8 Page - Tyco Electronics

부품명 4-1437644-8
상세설명  Engineering Notes
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1437644-8 데이터시트(HTML) 8 Page - Tyco Electronics

Back Button 4-1437644-8 Datasheet HTML 4Page - Tyco Electronics 4-1437644-8 Datasheet HTML 5Page - Tyco Electronics 4-1437644-8 Datasheet HTML 6Page - Tyco Electronics 4-1437644-8 Datasheet HTML 7Page - Tyco Electronics 4-1437644-8 Datasheet HTML 8Page - Tyco Electronics 4-1437644-8 Datasheet HTML 9Page - Tyco Electronics 4-1437644-8 Datasheet HTML 10Page - Tyco Electronics 4-1437644-8 Datasheet HTML 11Page - Tyco Electronics 4-1437644-8 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
119
Tri-Barrier Strips
2
Catalog 1308389
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 8706-080-208
Note: All part numbers
are RoHS Compliant.
BUCHANAN Terminal Blocks
Product Facts
n Industrial controls and
automation
n Machine tools
n HVAC/R
n Power supplies
n Security/Irrigation
n Transformers
Design Advantages
n Back barriers to safeguard
field wiring
n Fast wiring – backed-out
wire-ready screws
n Interrupted thread designed
to prevent screws from
falling out
n Standoffs allow flux and
solvents to drain during
cleaning
n Molded-to-length or cut-to-
length versions available
n Phil-slot screws are standard
n RoHS compatible
Connector Index
0.250”
Pitch, Series #3
…………………………120-123
0.325”
Pitch, Series #4
…………………………124-126
0.325”
Pitch, with Attached Safety Cover ……………127
0.375”
Pitch, Series #6
…………………………128-135
0.375”
Pitch, Modular with Cover ……………………132
0.375”
Pitch, Series BC6, Panel Mount…………133,134
0.375”
Pitch, Series MB6, Double Level ……………135
0.4375” Pitch, Series #8
…………………………136-138
Tri-Barrier blocks help
contain stray or frayed wire
ends. This helps prevent
electrical shorts — not only
between positions on the
same block, but also
between other components
immediately adjacent to the
block. With today’s high-
density PCB designs, this
has become an
increasingly important
feature.


유사한 부품 번호 - 4-1437644-8

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-1437652-0 MACOM-4-1437652-0 Datasheet
188Kb / 1P
   6PCV-XX-007 ASSEMBLY
More results

유사한 설명 - 4-1437644-8

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
2-1437404-1 MACOM-2-1437404-1 Datasheet
17Mb / 69P
   Engineering Notes
2-1437402-5 MACOM-2-1437402-5 Datasheet
17Mb / 69P
   Engineering Notes
logo
List of Unclassifed Man...
20.101M ETC2-20.101M Datasheet
131Kb / 1P
   notes
logo
Murata Manufacturing Co...
MPAN-03 MURATA-MPAN-03 Datasheet
155Kb / 2P
   Application Notes
logo
IC-Haus GmbH
IC-WJZ ICHAUS-IC-WJZ Datasheet
114Kb / 3P
   APPLICATION NOTES
logo
Mitsubishi Electric Sem...
NF30-SP MITSUBISHI-NF30-SP Datasheet
1Mb / 105P
   TECHNICAL NOTES
logo
Astec America, Inc
ALQ07 ASTEC-ALQ07 Datasheet
493Kb / 28P
   Technical Reference Notes
logo
Tyco Electronics
C-1513247 MACOM-C-1513247 Datasheet
82Kb / 1P
   revised notes and te logo
logo
List of Unclassifed Man...
M995B ETC-M995B Datasheet
123Kb / 2P
   256 NOTES DUAL TONE
logo
Tyco Electronics
C-1513157 MACOM-C-1513157 Datasheet
95Kb / 1P
   rev notes and layout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com