전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB090N06N3 데이터시트(PDF) 5 Page - Cystech Electonics Corp.

부품명 MTB090N06N3
상세설명  60V N-CHANNEL Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB090N06N3 데이터시트(HTML) 5 Page - Cystech Electonics Corp.

  MTB090N06N3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB090N06N3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB090N06N3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB090N06N3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB090N06N3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB090N06N3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB090N06N3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB090N06N3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB090N06N3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C420N3
Issued Date : 2014.01.24
Revised Date :
Page No. : 5/9
MTB090N06N3
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
10
100
1000
0.1
1
10
100
VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=250μA
ID=1mA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
0.001
0.01
0.1
1
10
ID, Drain Current(A)
VDS=15V
Pulsed
Ta=25°C
Gate Charge Characteristics
0
2
4
6
8
10
0
2
468
Qg, Total Gate Charge(nC)
ID=3.9A
VDS=48V
VDS=30V
Maximum Safe Operating Area
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
VDS, Drain-Source Voltage(V)
DC
10ms
100ms
1ms
100μs
RDS(ON)
Limit
TA=25°C, Tj=150°, VGS=10V
RθJA=100°C/W, Single Pulse
Maximum Drain Current vs Junction Temperature
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
25
50
75
100
125
150
175
Tj, Junction Temperature(°C)
TA=25°C, VGS=10V, RθJA=100°C/W


유사한 부품 번호 - MTB090N06N3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB090N06I3 CYSTEKEC-MTB090N06I3 Datasheet
265Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTB090N06I3 DOINGTER-MTB090N06I3 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Cystech Electonics Corp...
MTB090N06I3-0-UJ-G CYSTEKEC-MTB090N06I3-0-UJ-G Datasheet
265Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB090N06J3 CYSTEKEC-MTB090N06J3 Datasheet
401Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTB090N06J3 DOINGTER-MTB090N06J3 Datasheet
674Kb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

유사한 설명 - MTB090N06N3

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com