전자부품 데이터시트 검색엔진 |
|
2SC1111 데이터시트(PDF) 1 Page - Savantic, Inc. |
|
2SC1111 데이터시트(HTML) 1 Page - Savantic, Inc. |
1 / 3 page SavantIC Semiconductor Product Specification Silicon NPN Power Transistors 2SC1111 DESCRIPTION ·With TO-3 package ·Wide area of safe operation APPLICATIONS ·For audio frequency power amplifier applications PINNING(see Fig.2) PIN DESCRIPTION 1 Base 2 Emitter 3 Collector Absolute maximum ratings(Ta=? ) SYMBOL PARAMETER CONDITIONS VALUE UNIT VCBO Collector-base voltage Open emitter 140 V VCEO Collector-emitter voltage Open base 80 V VEBO Emitter-base voltage Open collector 5 V IC Collector current 6 A PC Collector power dissipation TC=25? 50 W Tj Junction temperature 150 ? Tstg Storage temperature -55~150 ? Fig.1 simplified outline (TO-3) and symbol |
유사한 부품 번호 - 2SC1111 |
|
유사한 설명 - 2SC1111 |