전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF1405SLPBF 데이터시트(PDF) 11 Page - Vishay Siliconix

부품명 IRF1405SLPBF
상세설명  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF1405SLPBF 데이터시트(HTML) 11 Page - Vishay Siliconix

Back Button IRF1405SLPBF Datasheet HTML 3Page - Vishay Siliconix IRF1405SLPBF Datasheet HTML 4Page - Vishay Siliconix IRF1405SLPBF Datasheet HTML 5Page - Vishay Siliconix IRF1405SLPBF Datasheet HTML 6Page - Vishay Siliconix IRF1405SLPBF Datasheet HTML 7Page - Vishay Siliconix IRF1405SLPBF Datasheet HTML 8Page - Vishay Siliconix IRF1405SLPBF Datasheet HTML 9Page - Vishay Siliconix IRF1405SLPBF Datasheet HTML 10Page - Vishay Siliconix IRF1405SLPBF Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
IRF1405S/LPbF
www.irf.com
11
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Starting TJ = 25°C, L = 0.11mH
RG = 25
Ω, IAS = 101A. (See Figure 12).
ƒ ISD ≤ 101A, di/dt ≤ 210A/µs, VDD ≤ V(BR)DSS,
TJ
≤ 175°C
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS .
† Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A.
‡ Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance.
ˆ This is applied to D2Pak, when mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
Data and specifications subject to change without notice.
This product has been designed and qualified for the industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.07/2010
D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
3
4
4
TRR
FEED DIRECTION
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TRL
FEED DIRECTION
10.90 (.429)
10.70 (.421)
16.10 (.634)
15.90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
MAX.
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
MIN.
30.40 (1.197)
MAX.
26.40 (1.039)
24.40 (.961)
NOTES :
1. COMFORMS TO EIA-418.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION MEASURED @ HUB.
4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.


유사한 부품 번호 - IRF1405SLPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF1405S IRF-IRF1405S Datasheet
154Kb / 11P
   Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A??
logo
Kersemi Electronic Co.,...
IRF1405S KERSEMI-IRF1405S Datasheet
3Mb / 11P
   AUTOMOTIVE MOSFET
logo
Inchange Semiconductor ...
IRF1405S ISC-IRF1405S Datasheet
263Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF1405SPBF IRF-IRF1405SPBF Datasheet
240Kb / 12P
   AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 5.3m廓 , ID = 131A )
IRF1405SPBF IRF-IRF1405SPBF Datasheet
313Kb / 11P
   Advanced Process Technology
More results

유사한 설명 - IRF1405SLPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com