전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IXYH40N120C3 데이터시트(PDF) 4 Page - IXYS Corporation

부품명 IXYH40N120C3
상세설명  1200V XPT IGBT GenX3
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYH40N120C3 데이터시트(HTML) 4 Page - IXYS Corporation

  IXYH40N120C3 Datasheet HTML 1Page - IXYS Corporation IXYH40N120C3 Datasheet HTML 2Page - IXYS Corporation IXYH40N120C3 Datasheet HTML 3Page - IXYS Corporation IXYH40N120C3 Datasheet HTML 4Page - IXYS Corporation IXYH40N120C3 Datasheet HTML 5Page - IXYS Corporation IXYH40N120C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYH40N120C3
Fig. 7. Transconductance
0
4
8
12
16
20
24
28
0
1020
30
4050
60
7080
90
IC - Amperes
TJ = - 40ºC
25ºC
150ºC
Fig. 10. Reverse-Bias Safe Operating Area
0
10
20
30
40
50
60
70
80
90
200
300
400
500
600
700
800
900
1000
1100
1200
1300
VCE - Volts
TJ = 150ºC
RG = 10
dv / dt < 10V / ns
Fig. 11. Maximum Transient Thermal Impedance
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
Pulse Width - Second
Fig. 8. Gate Charge
0
2
4
6
8
10
12
14
16
0
1020
30405060
70
8090
QG - NanoCoulombs
VCE = 600V
I C = 40A
I G = 10mA
Fig. 9. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VCE - Volts
f = 1 MHz
Cies
Coes
Cres


유사한 부품 번호 - IXYH40N120C3

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXYH40N120C3D1 IXYS-IXYH40N120C3D1 Datasheet
222Kb / 7P
   1200V XPTTM IGBT
More results

유사한 설명 - IXYH40N120C3

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXYH82N120C3 IXYS-IXYH82N120C3 Datasheet
173Kb / 6P
   1200V XPT IGBT GenX3
IXYH50N120C3 IXYS-IXYH50N120C3 Datasheet
176Kb / 6P
   1200V XPT IGBT GenX3
IXGA20N120B3 IXYS-IXGA20N120B3 Datasheet
218Kb / 6P
   GenX3 1200V IGBT
IXGH50N120C3 IXYS-IXGH50N120C3 Datasheet
176Kb / 6P
   GenX3 1200V IGBT
IXGH24N120C3H1 IXYS-IXGH24N120C3H1 Datasheet
146Kb / 6P
   GenX3 1200V IGBT
IXGH30N120B3D1 IXYS-IXGH30N120B3D1 Datasheet
221Kb / 7P
   GenX3 1200V IGBT
IXGA24N120C3 IXYS-IXGA24N120C3 Datasheet
196Kb / 6P
   GenX3 1200V IGBT
IXGH30N120C3H1 IXYS-IXGH30N120C3H1 Datasheet
188Kb / 6P
   GenX3 1200V IGBT
IXGH40N120C3 IXYS-IXGH40N120C3 Datasheet
177Kb / 6P
   GenX3 1200V IGBT
IXGH32N120A3 IXYS-IXGH32N120A3 Datasheet
202Kb / 6P
   GenX3 1200V
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com