전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF3711STRLPBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRF3711STRLPBF
상세설명  High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF3711STRLPBF 데이터시트(HTML) 3 Page - International Rectifier

  IRF3711STRLPBF Datasheet HTML 1Page - International Rectifier IRF3711STRLPBF Datasheet HTML 2Page - International Rectifier IRF3711STRLPBF Datasheet HTML 3Page - International Rectifier IRF3711STRLPBF Datasheet HTML 4Page - International Rectifier IRF3711STRLPBF Datasheet HTML 5Page - International Rectifier IRF3711STRLPBF Datasheet HTML 6Page - International Rectifier IRF3711STRLPBF Datasheet HTML 7Page - International Rectifier IRF3711STRLPBF Datasheet HTML 8Page - International Rectifier IRF3711STRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.irf.com
3
IRF3711/S/LPbF
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
10V
4.5V
3.7V
3.5V
3.3V
3.0V
2.7V
V
, Drain-to-Source Voltage (V)
DS
2.7V
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
15V
10V
4.5V
3.7V
3.5V
3.3V
3.0V
2.7V
V
, Drain-to-Source Voltage (V)
DS
2.7V
10
100
1000
2.0
3.0
4.0
5.0
6.0
7.0
8.0
V
= 25V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
-60 -40 -20 0
20 40 60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
110A


유사한 부품 번호 - IRF3711STRLPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3711STRL IRF-IRF3711STRL Datasheet
275Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
More results

유사한 설명 - IRF3711STRLPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFR3704TRLPBF IRF-IRFR3704TRLPBF Datasheet
226Kb / 10P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRLR3715TRRPBF IRF-IRLR3715TRRPBF Datasheet
277Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF7457PBF IRF-IRF7457PBF_15 Datasheet
182Kb / 8P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF7458TRPBF IRF-IRF7458TRPBF Datasheet
135Kb / 8P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRL IRF-IRF3711STRL Datasheet
275Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706PBF IRF-IRF3706PBF Datasheet
365Kb / 12P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706STRL IRF-IRF3706STRL Datasheet
152Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF3707STRRPBF IRF-IRF3707STRRPBF Datasheet
287Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRFR3711TRPBF IRF-IRFR3711TRPBF Datasheet
237Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3704STRLPBF IRF-IRF3704STRLPBF Datasheet
270Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com