전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAZ7V5 데이터시트(PDF) 3 Page - Diodes Incorporated

부품명 SMAZ7V5
상세설명  1.0A SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMAZ7V5 데이터시트(HTML) 3 Page - Diodes Incorporated

  SMAZ7V5 Datasheet HTML 1Page - Diodes Incorporated SMAZ7V5 Datasheet HTML 2Page - Diodes Incorporated SMAZ7V5 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS18015 Rev. 9 - 2
3 of 3
SMAZ5V1 - SMAZ39
0.001
0.01
0.1
1
10
100
1000
2000
1
10
100
500
V , ZENER REGULATION VOLTAGE (V)
ZT
Fig. 4 Leakage Current vs Regulation Voltage
T = 125
°C
j
0.1
1
10
100
1000
1
10
100
500
V , ZENER REGULATION VOLTAGE (V)
ZT
Fig. 5 Differential Resistance vs Regulation Voltage
I
= 5.0mA
ZT
I
= 20mA
ZT
I
= 100m
ZT
A
I
= 10mA
ZT
0
10
100
1000
1
10
100
200
V , REVERSE VOLTAGE (V)
R
Fig. 2 Junction Capacitance vs Reverse Voltage
SMAZ5V6
SMAZ27
SMAZ12
0.1
1
10
20
0
0.5
1.0
1.5
2.0
2.5
V
, PEAK FORWARD VOLTAGE (V)
FM
Fig. 3 Peak Forward Current vs Peak Forward Voltage
T= 25
°C
j
0
0.2
0.4
0.6
0.8
1.0
1.2
0
50
100
150
175
T , AMBIENT TEMPERATURE
°C
A
Fig. 1 Power Dissipation vs Ambient Temperature


유사한 부품 번호 - SMAZ7V5

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SMAZ7V5 VISHAY-SMAZ7V5 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ7V5 DIODES-SMAZ7V5 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5 DIODES-SMAZ7V5 Datasheet
369Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5 DIODES-SMAZ7V5 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
SMAZ7V5 DIODES-SMAZ7V5 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results

유사한 설명 - SMAZ7V5

제조업체부품명데이터시트상세설명
logo
Zibo Seno Electronic En...
GU1A ZSELEC-GU1A Datasheet
134Kb / 2P
   1.0A SURFACE MOUNT ULTRAFAST DIODE
US1A ZSELEC-US1A Datasheet
135Kb / 2P
   1.0A SURFACE MOUNT ULTRAFAST DIODE
MURS110 ZSELEC-MURS110 Datasheet
142Kb / 2P
   1.0A SURFACE MOUNT ULTRAFAST DIODE
SMBYT01-50 ZSELEC-SMBYT01-50 Datasheet
159Kb / 2P
   1.0A SURFACE MOUNT ULTRAFAST DIODE
UF1A ZSELEC-UF1A Datasheet
170Kb / 2P
   1.0A SURFACE MOUNT ULTRAFAST DIODE
HS1AL ZSELEC-HS1AL Datasheet
117Kb / 2P
   1.0A SURFACE MOUNT ULTRAFAST DIODE
US1AF ZSELEC-US1AF Datasheet
90Kb / 2P
   1.0A SURFACE MOUNT ULTRAFAST DIODE
10BF05 ZSELEC-10BF05_V01 Datasheet
135Kb / 2P
   1.0A SURFACE MOUNT ULTRAFAST DIODE
MURS110A ZSELEC-MURS110A Datasheet
133Kb / 2P
   1.0A SURFACE MOUNT ULTRAFAST DIODE
10BF05 ZSELEC-10BF05 Datasheet
134Kb / 2P
   1.0A SURFACE MOUNT ULTRAFAST DIODE
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com