전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8518-B-GM 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 SI8518-B-GM
상세설명  Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SI8518-B-GM 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SI8518-B-GM Datasheet HTML 7Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 8Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 9Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 10Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 11Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 12Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 13Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 14Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Si85xx
Preliminary Rev. 0.4
11
Integrator reset Option 1 is selected by connecting TRST
to VDD. In this mode, the Si85xx is held in reset as long
as the signals on R1–R4 satisfy the logic equations of
Table 11. It is typically used in applications where the
gate drivers are external to the system controller IC (the
gate driver delay ensures reset is completed prior to the
start of measurement).
Reset Option 2 is selected by connecting a timing
resistor (RTRST in Figure 5) from the TRST input to
ground. It is typically used in applications where the
gate drivers are on-board the controller. In this mode,
the on-chip reset timer is triggered when the signals on
R1–R4 satisfy the logic equations in Table 11. Once
triggered, the timer maintains integrator in reset for time
duration tR as programmed by the value of resistor
RTRST. The user must select the value of resistor RTRST
to terminate the reset cycle prior to the start of
measurement under worst-case timing conditions. Note
that values of tR below the specified value in "1.
Electrical Specifications" on page 4 results in increased
integrator output offset error and increased output noise
on VOUT. Moreover, tR’s time is summarized by the
following equation (see Table 9):
tR = 10 ns/k
where values of RTRST that produce a reset time less
than 150 ns (RTRST < 15 k) should not be used.
Figure 5. Programming Reset Time (tR)
2.4. Total Measurement Error
The Si85xx’s absolute accuracy is affected by the
following factors:
Ambient operating temperature
VDD supply voltage
Time
Table 10 includes a composite of all environmental and
operating conditions that can ultimately affect the
absolute measurement accuracy of the Si85xx. The
total worst-case accuracy at full scale can be estimated
by the sum of the initial accuracy (up to ±5%) plus aging
(up to ±1.5%) and supply variations (up to ±3.5%). For
example, the total measurement error expected for a
device operating at a given VDD supply of 5 V (±10%) is
10% if the device is operated over a temperature range
of –40 to 125 °C for up to 10 years. If the temperature
range is limited to 0 to 85 °C, the measurement error
can be improved by up to 2%. See Figure 6 for details.
2.5. Effect of Temperature on Accuracy
Offset voltage present at the Si85xx output terminals
(output offset voltage) is calibrated out each time VDD is
applied to the Si85xx; so, its error contribution is
minimized when the temperature at which calibration
occurred is at or near the steady-state operating
temperature of the Si85xx. For example, applying VDD
at 25 °C (offset cal is performed) and operating at 85 °C
will result in a larger offset error than operating at 50 °C.
The effect of this error is summarized in Figure 6. The
chart is referenced to 25 °C. If the Si85xx is powered up
at 25 °C and then operated at 125 °C with no auto-
calibration performed (i.e., the power is not cycled at
125 °C, which causes an auto-calibration), a 3%
measurement error can be expected.
Table 9. Typical Reset Time vs. RTRST
Resistance
RTRST
Reset Time (tR)
15 k
150 ns
100 k
1µs
1M
9µs
2.2 M
20 µs
Si85xx
TRST
RTRST
Table 10. Total Measurement Error Contributors
Error Contributor
% Error Added
Initial error
@ given VDD ±10%, 25 °C
±5%
Temperature variation
–40 to 125 °C
±3.5%
Aging (10 years)
±1.5%


유사한 부품 번호 - SI8518-B-GM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI8518-B-GM SILABS-SI8518-B-GM Datasheet
341Kb / 24P
   UNIDIRECTIONAL AC CURRENT SENSORS
More results

유사한 설명 - SI8518-B-GM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI85XX SILABS-SI85XX Datasheet
341Kb / 24P
   UNIDIRECTIONAL AC CURRENT SENSORS
logo
Copal Electronics
C-CT COPAL-C-CT Datasheet
282Kb / 2P
   AC CURRENT SENSORS
logo
TDK Electronics
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
   Clamp AC Current Sensors
CCT406393-600-36-02 TDK-CCT406393-600-36-02 Datasheet
147Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-02 TDK-CCT261631-30-06-02 Datasheet
160Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-00 TDK-CCT272440-80-10-00 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT323047-100-16-02 TDK-CCT323047-100-16-02 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com