전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8519-C-GM 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 SI8519-C-GM
상세설명  Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SI8519-C-GM 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  SI8519-C-GM Datasheet HTML 1Page - List of Unclassifed Manufacturers SI8519-C-GM Datasheet HTML 2Page - List of Unclassifed Manufacturers SI8519-C-GM Datasheet HTML 3Page - List of Unclassifed Manufacturers SI8519-C-GM Datasheet HTML 4Page - List of Unclassifed Manufacturers SI8519-C-GM Datasheet HTML 5Page - List of Unclassifed Manufacturers SI8519-C-GM Datasheet HTML 6Page - List of Unclassifed Manufacturers SI8519-C-GM Datasheet HTML 7Page - List of Unclassifed Manufacturers SI8519-C-GM Datasheet HTML 8Page - List of Unclassifed Manufacturers SI8519-C-GM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Preliminary Rev. 0.4 6/12
Copyright © 2012 by Silicon Laboratories
Si85xx
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si85xx
Si85 XX U NIDIRECTIONAL AC C URRENT S ENSORS
Features
Applications
Description
The Si85xx products are unidirectional ac current sensors available in full-scale
ranges of 5, 10, and 20 A. Si85xx products are ideal upgrades for older current-
sensing technologies offering size, performance, and cost advantages over current
transformers, Hall effect devices, DCR circuits, and other approaches. The Si85xx
are extremely low-loss, adding less than 1.3 m
 of series resistance and less than
2 nH series inductance in the sensing path at 25 °C. Current-sensing terminals are
isolated from the other package pins, providing up to 5 kVRMS isolation level per
safety approval ratings.
Safety Approval (20-Pin SOIC Only)
Functional Block Diagram
Single-chip ac current sensor
Low loss: <1.3 m
 primary series
resistance and <2 nH inductance
Leading-edge noise suppression
eliminates need for leading-edge
blanking
"Ping-Pong" output version allows
one Si85xx to replace two current
transformers in full-bridge designs
5, 10, and 20 A full-scale versions
±5% initial accuracy
50 kHz to 1 MHz input frequency
range
FAULT output to safeguard operation
Large 2 VPP min output at full scale
High-side or low-side current sensing
Compact 4x4x1 mm QFN package
(1 kVRMS isolation)
20-pin wide-body SOIC
(5 kVRMS isolation)
–40 to 125 °C operating range
UL/VDE/CSA approval
Power supplies
Motor controls
Lighting equipment
Industrial equipment
UL 1577 recognized

5000 VRMS for 1 minute
CSA component notice 5A approval

IEC 60950, 61010, 60601
approved
VDE certification conformity

IEC 60747-5-2 (VDE0884 Part 2)
Typical Application
VDD
VOUT
IIN
IOUT
L
C
Q1
Q2
PH1
PH2
R1
OUT
VDD1
GND2
VIN
Si850x
TRST
R2
Si851x
VDD
TRST/FAULT
IOUT
IIN
GND
INTEGRATOR
SIGNAL CONDITIONING
ADC
AUTO CALIBRATION
LOGIC
TEMP
SENSOR
OUT1
OUT2
MODE LOGIC
MODE
R1
R2
R3
R4
RESET LOGIC
GND1
Patents pending
Ordering Information:
See page 26.
Pin Assignments:
See page 24
VDD
MODE
R1
R3
R4
OUT1
R2
OUT2
TRST/FAULT
GND
IIN
IIN
IIN
IIN
IIN
IOUT
IOUT
IOUT
IOUT
IOUT
Si851x
20-Pin SOIC
12-Pin QFN
Si851x
R1
R2
R3
R4
OUT1
OUT2
IOUT
IIN


유사한 부품 번호 - SI8519-C-GM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI8519-B-GM SILABS-SI8519-B-GM Datasheet
341Kb / 24P
   UNIDIRECTIONAL AC CURRENT SENSORS
More results

유사한 설명 - SI8519-C-GM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI85XX SILABS-SI85XX Datasheet
341Kb / 24P
   UNIDIRECTIONAL AC CURRENT SENSORS
logo
Copal Electronics
C-CT COPAL-C-CT Datasheet
282Kb / 2P
   AC CURRENT SENSORS
logo
TDK Electronics
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
   Clamp AC Current Sensors
CCT406393-600-36-02 TDK-CCT406393-600-36-02 Datasheet
147Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-02 TDK-CCT261631-30-06-02 Datasheet
160Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-00 TDK-CCT272440-80-10-00 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT323047-100-16-02 TDK-CCT323047-100-16-02 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com