전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM0603RC 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 SM0603RC
상세설명  SURFACE MOUNT LED RED, 0603 PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SM0603RC 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  SM0603RC Datasheet HTML 1Page - List of Unclassifed Manufacturers SM0603RC Datasheet HTML 2Page - List of Unclassifed Manufacturers SM0603RC Datasheet HTML 3Page - List of Unclassifed Manufacturers SM0603RC Datasheet HTML 4Page - List of Unclassifed Manufacturers SM0603RC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3mm (T1) Package Discrete LEDs
AMBER
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision A 03/09
Page 4 of 5
Bivar reserves the right to make changes at any time without notice.
Recommended Soldering Conditions
Tape and Reel Dimensions
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.
Note: 4000 pcs/Reel
SURFACE MOUNT LED
RED, 0603 PACKAGE


유사한 부품 번호 - SM0603RC

제조업체부품명데이터시트상세설명
logo
Bivar, Inc.
SM0603RC BIVAR-SM0603RC Datasheet
501Kb / 5P
   SURFACE MOUNT LED RED, 0603 PACKAGE
Revision A 03/09
More results

유사한 설명 - SM0603RC

제조업체부품명데이터시트상세설명
logo
Bivar, Inc.
SM0603SRC BIVAR-SM0603SRC Datasheet
506Kb / 5P
   SURFACE MOUNT LED RED, 0603 PACKAGE
Revision A 03/09
SM0603URC BIVAR-SM0603URC Datasheet
500Kb / 5P
   SURFACE MOUNT LED RED, 0603 PACKAGE
Revision A 03/09
SM0603RC BIVAR-SM0603RC Datasheet
501Kb / 5P
   SURFACE MOUNT LED RED, 0603 PACKAGE
Revision A 03/09
SM0603HC BIVAR-SM0603HC Datasheet
502Kb / 5P
   SURFACE MOUNT LED HE RED, 0603 PACKAGE
Revision A 03/09
SM0603UBWC BIVAR-SM0603UBWC Datasheet
505Kb / 5P
   SURFACE MOUNT LED BLUE, 0603 PACKAGE
Revision A 03/09
SM0603UV-400 BIVAR-SM0603UV-400 Datasheet
615Kb / 5P
   SURFACE MOUNT LED ULTRAVIOLET, 0603 PACKAGE
Revision A 06/14
SM0603UWC BIVAR-SM0603UWC Datasheet
1Mb / 5P
   SURFACE MOUNT LED WHITE, 0603 PACKAGE
Revision B 03/18
SM0603UV-405 BIVAR-SM0603UV-405 Datasheet
614Kb / 5P
   SURFACE MOUNT LED ULTRAVIOLET, 0603 PACKAGE
Revision A 06/14
SM0603AC BIVAR-SM0603AC Datasheet
1Mb / 6P
   SURFACE MOUNT LED AMBER, 0603 PACKAGE
Revision B 05/22
SM0603GC BIVAR-SM0603GC Datasheet
498Kb / 5P
   SURFACE MOUNT LED GREEN, 0603 PACKAGE
Revision A 03/09
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com