전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

E-L9338MD 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 E-L9338MD
상세설명  Quad low side driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L9338MD 데이터시트(HTML) 1 Page - STMicroelectronics

  E-L9338MD Datasheet HTML 1Page - STMicroelectronics E-L9338MD Datasheet HTML 2Page - STMicroelectronics E-L9338MD Datasheet HTML 3Page - STMicroelectronics E-L9338MD Datasheet HTML 4Page - STMicroelectronics E-L9338MD Datasheet HTML 5Page - STMicroelectronics E-L9338MD Datasheet HTML 6Page - STMicroelectronics E-L9338MD Datasheet HTML 7Page - STMicroelectronics E-L9338MD Datasheet HTML 8Page - STMicroelectronics E-L9338MD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
September 2013
Doc ID 1766 Rev 5
1/14
1
L9338
Quad low side driver
Datasheet
production data
Features
Wide input voltage range from -24 V up to +45 V
Wide operating supply voltage range from
4.5 V up to 32 V
Reverse biasing protected (VS = -24 V)
Very low standby quiescent current < 2 µA
Programmable signal transfer polarity
TTL and CMOS compatible inputs
Defined output off state off for open inputs
Three open drain DMOS outputs, with
RDSon =1.5 . at 25 °C and VS > 6 V
Output current limitation
Controlled output slope for low EMI
Over temperature shut-down
Integrated output clamping for fast inductive
recirculation VFB > 45 V
Status monitoring for:
– Over temperature
– Disconnected ground or supply voltage
ESD: all pins are guaranteed till 2 kV human
body mode
Description
The L9338 is a monolithic integrated quad low
side driver realized in advanced Multipower-BCD
technology. It is intended to drive lines, lamps or
relays in automotive or industrial applications.
SO20
Table 1.
Device summary
Order code
Package
Packing
E-L9338MD
SO20
Tube
E-L9338MD/TR
SO20
Tape and reel
www.st.com


유사한 부품 번호 - E-L9338MD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
E-L9637D STMICROELECTRONICS-E-L9637D Datasheet
179Kb / 15P
   Monolithic bus driver with ISO 9141 interface
E-L9637D013TR STMICROELECTRONICS-E-L9637D013TR Datasheet
179Kb / 15P
   Monolithic bus driver with ISO 9141 interface
E-L9823 STMICROELECTRONICS-E-L9823 Datasheet
269Kb / 19P
   Octal low-side driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
E-L9823 STMICROELECTRONICS-E-L9823 Datasheet
383Kb / 19P
   Octal low-side driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
E-L9823013TR STMICROELECTRONICS-E-L9823013TR Datasheet
383Kb / 19P
   Octal low-side driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
More results

유사한 설명 - E-L9338MD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L9338 STMICROELECTRONICS-L9338 Datasheet
57Kb / 8P
   QUAD LOW SIDE DRIVER
L9348 STMICROELECTRONICS-L9348 Datasheet
220Kb / 13P
   QUAD LOW SIDE DRIVER
L93PI STMICROELECTRONICS-L93PI Datasheet
56Kb / 8P
   QUAD LOW SIDE DRIVER
L9339-TR STMICROELECTRONICS-L9339-TR Datasheet
180Kb / 14P
   Quad low side driver
L9333 STMICROELECTRONICS-L9333 Datasheet
93Kb / 13P
   QUAD LOW SIDE DRIVER
L9339 STMICROELECTRONICS-L9339 Datasheet
65Kb / 9P
   QUAD LOW SIDE DRIVER
L9339 STMICROELECTRONICS-L9339_08 Datasheet
164Kb / 14P
   Quad low side driver
L9333 STMICROELECTRONICS-L9333_01 Datasheet
260Kb / 13P
   QUAD LOW SIDE DRIVER
L9362 STMICROELECTRONICS-L9362 Datasheet
174Kb / 17P
   QUAD LOW SIDE DRIVER
L9341 STMICROELECTRONICS-L9341 Datasheet
130Kb / 10P
   QUAD LOW SIDE DRIVER
logo
Freescale Semiconductor...
33385 FREESCALE-33385 Datasheet
406Kb / 18P
   Quad Low-side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com