전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL432M3 데이터시트(PDF) 4 Page - Cystech Electonics Corp.

부품명 TL432M3
상세설명  Adjustable shunt regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TL432M3 데이터시트(HTML) 4 Page - Cystech Electonics Corp.

  TL432M3 Datasheet HTML 1Page - Cystech Electonics Corp. TL432M3 Datasheet HTML 2Page - Cystech Electonics Corp. TL432M3 Datasheet HTML 3Page - Cystech Electonics Corp. TL432M3 Datasheet HTML 4Page - Cystech Electonics Corp. TL432M3 Datasheet HTML 5Page - Cystech Electonics Corp. TL432M3 Datasheet HTML 6Page - Cystech Electonics Corp. TL432M3 Datasheet HTML 7Page - Cystech Electonics Corp. TL432M3 Datasheet HTML 8Page - Cystech Electonics Corp. TL432M3 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CYStech Electronics Corp.
Spec. No. : C504M3
Issued Date : 2003.03.21
Revised Date : 2013.10.23
Page No. : 4/15
TL432A3/N3/M3/K3
CYStek Product Specification
Block Diagram
Symbol
REF
Anode
Cathode
VREF
Anode
REF
Cathode
Ordering Information
Device
Package
Rank
Tolerance
Shipping
TL432A3-A-TB-G
A
±
0.5%
TL432A3-B-TB-G
B
±
1%
2000 pcs / Tape & Box
TL432A3-A-BK-G
A
±
0.5%
TL432A3-B-BK-G
TO-92
(Pb-free lead plating and
halogen-free package)
B
±
1%
1000 pcs/ bag, 10 bags/box,
10boxes/carton
TL432K3-A-TB-G
A
±
0.5%
TL432K3-B-TB-G
B
±
1%
2000 pcs / Tape & Box
TL432K3-A-BK-G
A
±
0.5%
TL432K3-B-BK-G
TO-92L
(Pb-free lead plating and
halogen-free package)
B
±
1%
500 pcs/ bag, 10 bags/box,
10boxes/carton
TL432N3-A-T1-G
A
±
0.5%
TL432N3-B-T1-G
SOT-23
(Pb-free lead plating and
halogen-free package)
B
±
1%
3000 pcs / Tape & Reel
TL432M3-A-T1-G
A
±
0.5%
TL432M3-B-T1-G
SOT-89
(Pb-free lead plating and
halogen-free package)
B
±
1%
1000 pcs / Tape & Reel


유사한 부품 번호 - TL432M3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
TL432M3-A-T1-G CYSTEKEC-TL432M3-A-T1-G Datasheet
355Kb / 15P
   Adjustable shunt regulator
TL432M3-B-T1-G CYSTEKEC-TL432M3-B-T1-G Datasheet
355Kb / 15P
   Adjustable shunt regulator
More results

유사한 설명 - TL432M3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
H432 HSMC-H432 Datasheet
76Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com