전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ85 데이터시트(PDF) 2 Page - Cystech Electonics Corp.

부품명 SMAJ85
상세설명  Surface Mount Transient Voltage Suppressors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SMAJ85 데이터시트(HTML) 2 Page - Cystech Electonics Corp.

  SMAJ85 Datasheet HTML 1Page - Cystech Electonics Corp. SMAJ85 Datasheet HTML 2Page - Cystech Electonics Corp. SMAJ85 Datasheet HTML 3Page - Cystech Electonics Corp. SMAJ85 Datasheet HTML 4Page - Cystech Electonics Corp. SMAJ85 Datasheet HTML 5Page - Cystech Electonics Corp. SMAJ85 Datasheet HTML 6Page - Cystech Electonics Corp. SMAJ85 Datasheet HTML 7Page - Cystech Electonics Corp. SMAJ85 Datasheet HTML 8Page - Cystech Electonics Corp. SMAJ85 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C290SA
Issued Date : 2010.01.19
Revised Date : 2013.05.07
Page No. : 2/9
SMAJ5.0 thru SMAJ440CA
CYStek Product Specification
Electrical Characteristics Ratings at 25℃ ambient temperature, unless otherwise noted.
Part Number
Device
Marking
Code
Breakdown
Voltage
VBR @ IT
(V)
UNI
BI
UNI
BI
Min
Max
Test
current
at IT
(mA)
Reverse
standoff
voltage
VRWM
(V)
Maximum
reverse
leakage at
VRWM
IR
(
μA)
Maximum
peak pulse
Current
IPPM
(A)
Maximum
clamping
voltage at
IPPM
VC
(V)
SMAJ5.0
SMAJ5.0C
AD
WD
6.40
7.30
10
5.0
800
41.7
9.6
SMAJ5.0A
SMAJ5.0CA
AE
WE
6.40
7.00
10
5.0
800
43.5
9.2
SMAJ6.0
SMAJ6.0C
AF
WF
6.67
8.15
10
6.0
800
35.1
11.4
SMAJ6.0A
SMAJ6.0CA
AG
WG
6.67
7.37
10
6.0
800
38.8
10.3
SMAJ6.5
SMAJ6.5C
AH
WH
7.22
8.82
10
6.5
500
32.5
12.3
SMAJ6.5A
SMAJ6.5CA
AK
WK
7.22
7.98
10
6.5
500
35.7
11.2
SMAJ7.0
SMAJ7.0C
AL
WL
7.78
9.51
10
7.0
200
30.1
13.3
SMAJ7.0A
SMAJ7.0CA
AM
WM
7.78
8.60
10
7.0
200
33.3
12.0
SMAJ7.5
SMAJ7.5C
AN
WN
8.33
10.2
1.0
7.5
100
28.0
14.3
SMAJ7.5A
SMAJ7.5CA
AP
WP
8.33
9.21
1.0
7.5
100
31.0
12.9
SMAJ8.0
SMAJ8.0C
AQ
WQ
8.89
10.9
1.0
8.0
50
26.7
15.0
SMAJ8.0A
SMAJ8.0CA
AR
WR
8.89
9.83
1.0
8.0
50
29.4
13.6
SMAJ8.5
SMAJ8.5C
AS
WS
9.44
11.5
1.0
8.5
10
25.2
15.9
SMAJ8.5A
SMAJ8.5CA
AT
WT
9.44
10.4
1.0
8.5
10
27.8
14.4
SMAJ9.0
SMAJ9.0C
AU
WU
10.0
12.2
1.0
9.0
5.0
23.7
16.9
SMAJ9.0A
SMAJ9.0CA
AV
WV
10.0
11.1
1.0
9.0
5.0
26.0
15.4
SMAJ10
SMAJ10C
AW
WW
11.1
13.6
1.0
10
5.0
21.3
18.8
SMAJ10A
SMAJ10CA
AX
WX
11.1
12.3
1.0
10
5.0
23.5
17.0
SMAJ11
SMAJ11C
AY
WY
12.2
14.9
1.0
11
5.0
19.9
20.1
SMAJ11A
SMAJ11CA
AZ
WZ
12.2
13.5
1.0
11
5.0
22.0
18.2
SMAJ12
SMAJ12C
BD
XD
13.3
16.3
1.0
12
5.0
18.2
22.0
SMAJ12A
SMAJ12CA
BE
XE
13.3
14.7
1.0
12
5.0
20.1
19.9
SMAJ13
SMAJ13C
BF
XF
14.4
17.6
1.0
13
5.0
16.8
23.8
SMAJ13A
SMAJ13CA
BG
XG
14.4
15.9
1.0
13
5.0
18.6
21.5
SMAJ14
SMAJ14C
BH
XH
15.6
19.1
1.0
14
5.0
15.5
25.8
SMAJ14A
SMAJ14CA
BK
XK
15.6
17.2
1.0
14
5.0
17.2
23.2
SMAJ15
SMAJ15C
BL
XL
16.7
20.4
1.0
15
5.0
14.9
26.9
SMAJ15A
SMAJ15CA
BM
XM
16.7
18.5
1.0
15
5.0
16.4
24.4
SMAJ16
SMAJ16C
BN
XN
17.8
21.8
1.0
16
5.0
13.9
28.8
SMAJ16A
SMAJ16CA
BP
XP
17.8
19.7
1.0
16
5.0
15.4
26.0
SMAJ17
SMAJ17C
BQ
XQ
18.9
23.1
1.0
17
5.0
13.1
30.5
SMAJ17A
SMAJ17CA
BR
XR
18.9
20.9
1.0
17
5.0
14.5
27.6
SMAJ18
SMAJ18C
BS
XS
20.0
24.4
1.0
18
5.0
12.4
32.2
SMAJ18A
SMAJ18CA
BT
XT
20.2
22.1
1.0
18
5.0
13.7
29.2
SMAJ19
SMAJ19C
BA
XA
21.1
25.8
1.0
19
5.0
11.8
34.0
SMAJ19A
SMAJ19CA
BB
XB
21.1
23.3
1.0
19
5.0
13.0
30.8
SMAJ20
SMAJ20C
BU
XU
22.2
27.1
1.0
20
5.0
11.2
35.8
SMAJ20A
SMAJ20CA
BV
XV
22.2
24.5
1.0
20
5.0
12.3
32.4
SMAJ22
SMAJ22C
BW
XW
24.4
29.8
1.0
22
5.0
10.2
39.4
SMAJ22A
SMAJ22CA
BX
XX
24.4
26.9
1.0
22
5.0
11.3
35.5
SMAJ24
SMAJ24C
BY
XY
26.7
32.6
1.0
24
5.0
9.3
43.0
SMAJ24A
SMAJ24CA
BZ
XZ
26.7
29.5
1.0
24
5.0
10.3
38.9


유사한 부품 번호 - SMAJ85

제조업체부품명데이터시트상세설명
logo
Socay Electornics Co., ...
SMAJ85 SOCAY-SMAJ85 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ85 JGD-SMAJ85 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Jiangsu High diode Semi...
SMAJ85 HDSEMI-SMAJ85 Datasheet
1Mb / 7P
   SMAK Plastic-Encapsulate Diodes
logo
RFE international
SMAJ85 RFE-SMAJ85 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
logo
Socay Electornics Co., ...
SMAJ85 SOCAY-SMAJ85 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

유사한 설명 - SMAJ85

제조업체부품명데이터시트상세설명
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com