전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS1W-CN224 데이터시트(PDF) 10 Page - Omron Electronics LLC

부품명 CS1W-CN224
상세설명  PRODUCT PERFORMANCE STANDARDS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-CN224 데이터시트(HTML) 10 Page - Omron Electronics LLC

Back Button CS1W-CN224 Datasheet HTML 6Page - Omron Electronics LLC CS1W-CN224 Datasheet HTML 7Page - Omron Electronics LLC CS1W-CN224 Datasheet HTML 8Page - Omron Electronics LLC CS1W-CN224 Datasheet HTML 9Page - Omron Electronics LLC CS1W-CN224 Datasheet HTML 10Page - Omron Electronics LLC CS1W-CN224 Datasheet HTML 11Page - Omron Electronics LLC CS1W-CN224 Datasheet HTML 12Page - Omron Electronics LLC CS1W-CN224 Datasheet HTML 13Page - Omron Electronics LLC CS1W-CN224 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
CS1 Ordering Guide
487
C200H Group-2 High-density I/O Modules
Item
Description
Mountable racks
Bits allo-
t d
Standards
Part number
CPU
rack
C200H ex-
pansion
I/O racks
CS1 ex-
pansion
racks
SYSMAC
BUS
slave
racks
cated
(CIO 0000
to
CIO 0319)
DC Input
Modules
24 VDC, 32 inputs
Yes
Yes
Yes
No
32
U, C, N, L, CE
C200H-ID216
Modules
24 VDC, 64 inputs
Yes
Yes
Yes
No
64
C200H-ID217
24 VDC, 32 inputs
Yes
Yes
Yes
No
32
U, C, CE
C200H-ID218
12 VDC, 64 inputs
Yes
Yes
Yes
No
64
U, C
C200H-ID111
Transistor
Output
Modules
16 mA/4.5 V, or
100 mA/26.4 V,
32 sinking outputs
Yes
Yes
Yes
No
32
U, C, N, L, CE
C200H-OD218
16 mA/4.5 V, or
100 mA/26.4 V,
64 sinking outputs
Yes
Yes
Yes
No
64
C200H-OD219
24 VDC, O.SA,
32 sourcing outputs,
load short-circuit
protection
Yes
Yes
Yes
No
32
U, C, CE
C200H-OD21B
Connectors for C200H Group-2 High-density I/O Modules
Item
Connection
Fujitsu parts
Standards
Part number
Applicable
Connector
Solder-type (included with Module)
Socket: FCN-361J040-AU
Connector bar: FCN-360C040-J2
C500-CE404
Co
ec o
Crimp-type
Socket: FCN-363J040
Connector bar: FCN-360C040-J2
Contacts: FCN-363J-AU
C500-CE405
Ribbon-crimp type
FCN-367J040-AU
C500-CE403


유사한 부품 번호 - CS1W-CN224

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
CS1W-CN224 OMRON-CS1W-CN224 Datasheet
1Mb / 22P
   Programmable Controller
CS1W-CN224 OMRON-CS1W-CN224 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CS1W-CN224 OMRON-CS1W-CN224 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
More results

유사한 설명 - CS1W-CN224

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
RC20GF621J ETC2-RC20GF621J Datasheet
189Kb / 2P
   Meets performance standards of EIA RS-172
logo
TT Electronics.
IBT TTELEC-IBT Datasheet
333Kb / 3P
   Meets performance standards of EIA RS-172
logo
Bel Fuse Inc.
A41 BEL-A41 Datasheet
1Mb / 3P
   International Standards at Lower Cost and Better Performance
logo
List of Unclassifed Man...
A41-25-10 ETC-A41-25-10 Datasheet
408Kb / 2P
   International Standards at Lower Cost and Better Performance
logo
Bel Fuse Inc.
A41-L BEL-A41-L Datasheet
1,017Kb / 3P
   International Standards at Lower Cost and Better Performance
logo
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
SI2156-B30 ETC2-SI2156-B30 Datasheet
60Kb / 2P
   Worldwide High-Performance TV Tuner IC for Analog and Digital Standards
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
logo
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
logo
IET Labs Inc.
SR102 IET-SR102 Datasheet
218Kb / 1P
   Transportable Resistance Standards
Nov 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com