전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM-105 데이터시트(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

부품명 FM-105
상세설명  Plug-In Frequency Doubler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

FM-105 데이터시트(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  FM-105 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. FM-105 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Plug-In Frequency Doubler,
20 - 1500 MHz Output
Rev. V3
FM-105
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is
considering for development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has
under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline
has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is
not guaranteed.
Typical Performance Curves
Conversion Loss
Conversion Loss vs. Input Power
Spurious Response
Ordering Information
Part Number
Package
FM-105 PIN
RH-3
Spurious Response
Spurious Response
10
11
12
13
14
15
1
10
100
200
300
400
500
600
700
750
800
Input F re que nc y ( M H z)
10
12
14
16
18
20
22
24
26
28
30
32
0
4
8
121620
Input P o we r ( dB m )
15
20
25
30
35
40
1
10
100
200
300
400
500
600
700
750
800
O ut put F re que nc y ( M H z)
24
30
36
42
48
54
3
30
300
600
900 1200 1500 1800 2100 2250 2700
O ut put F re que nc y ( M H z)
4
8
12
16
20
24
4
400
1200
2000
2800
3200
O ut put F re que nc y ( M H z)


유사한 부품 번호 - FM-105

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
FM-105 MACOM-FM-105 Datasheet
202Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
logo
M/A-COM Technology Solu...
FM-105 MA-COM-FM-105 Datasheet
53Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
logo
Tyco Electronics
FM-105PIN MACOM-FM-105PIN Datasheet
202Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
logo
M/A-COM Technology Solu...
FM-105PIN MA-COM-FM-105PIN Datasheet
53Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
More results

유사한 설명 - FM-105

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
FM-105 MACOM-FM-105 Datasheet
202Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
logo
M/A-COM Technology Solu...
FM-105 MA-COM-FM-105 Datasheet
53Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
MAFC-004403 MA-COM-MAFC-004403_13 Datasheet
699Kb / 4P
   Frequency Doubler
logo
Tyco Electronics
FD26 MACOM-FD26 Datasheet
387Kb / 3P
   Frequency Doubler
FD93 MACOM-FD93 Datasheet
301Kb / 3P
   Frequency Doubler
logo
M/A-COM Technology Solu...
FDZ5013 MA-COM-FDZ5013 Datasheet
1Mb / 3P
   Frequency Doubler
logo
Spectrum Microwave, Inc...
FD9XSMX-1 SPECTRUM-FD9XSMX-1 Datasheet
976Kb / 1P
   Frequency Doubler
logo
M/A-COM Technology Solu...
FD25H MA-COM-FD25H Datasheet
1Mb / 3P
   Frequency Doubler
FDZ5013C MA-COM-FDZ5013C Datasheet
1Mb / 3P
   Frequency Doubler
MAFC-004403 MA-COM-MAFC-004403 Datasheet
661Kb / 3P
   Frequency Doubler
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com