전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES2D 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 ES2D
상세설명  Surface Mount Ultrafast Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES2D 데이터시트(HTML) 1 Page - Vishay Siliconix

  ES2D Datasheet HTML 1Page - Vishay Siliconix ES2D Datasheet HTML 2Page - Vishay Siliconix ES2D Datasheet HTML 3Page - Vishay Siliconix ES2D Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ES2A, ES2B, ES2C, ES2D
www.vishay.com
Vishay General Semiconductor
Revision: 30-Oct-13
1
Document Number: 88587
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Ultrafast Plastic Rectifier
FEATURES
• Glass passivated chip junction
• Ideal for automated placement
• Ultrafast recovery times for high efficiency
• Low forward voltage, low power losses
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency rectification and freewheeling
application in switching mode converters and inverters for
consumer, computer, automotive, and telecommunication.
MECHANICAL DATA
Case: DO-214AA (SMB)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/NHE3 - RoHS-compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 2 whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
2.0 A
VRRM
50 V, 100 V, 150 V, 200 V
IFSM
50 A
trr
20 ns
VF
0.90 V
TJ max.
150 °C
Package
DO-214AA (SMB)
Diode variations
Single die
DO-214AA (SMB)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
ES2A
ES2B
ES2C
ES2D
UNIT
Device marking code
EA
EB
EC
ED
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
V
Maximum RMS voltage
VRMS
35
70
105
140
V
Maximum DC blocking voltage
VDC
50
100
150
200
V
Maximum average forward rectified current at TL = 110 °C
IF(AV)
2.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
50
A
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C


유사한 부품 번호 - ES2D

제조업체부품명데이터시트상세설명
logo
Formosa MS
ES2D FORMOSA-ES2D Datasheet
118Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Jinan Gude Electronic D...
ES2D JGD-ES2D Datasheet
173Kb / 3P
   2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Anova Technologies CO.,...
ES2D ANOVA-ES2D Datasheet
271Kb / 2P
   Surface Mount Super Fast Rectifiers
logo
SHENZHEN YONGERJIA INDU...
ES2D WINNERJOIN-ES2D Datasheet
414Kb / 3P
   Fast RecoverySilicon Rectifier
logo
DAESAN ELECTRONIC CORP.
ES2D DAESAN-ES2D Datasheet
340Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 400 Volts
More results

유사한 설명 - ES2D

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
ES1A VISHAY-ES1A_11 Datasheet
81Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 19-Apr-11
MURS340 VISHAY-MURS340_15 Datasheet
88Kb / 6P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Feb-15
ES1C-E361T VISHAY-ES1C-E361T Datasheet
82Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 25-Apr-14
ES2DHE3 VISHAY-ES2DHE3 Datasheet
83Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 30-Oct-13
MURS340-M3 VISHAY-MURS340-M3 Datasheet
84Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Feb-15
MURS320-M3 VISHAY-MURS320-M3 Datasheet
89Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Feb-15
MURS140 VISHAY-MURS140 Datasheet
102Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 27-Aug-07
MURS340 VISHAY-MURS340_07 Datasheet
106Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 27-Aug-07
MURS340S VISHAY-MURS340S Datasheet
103Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 01-Aug-08
U1B VISHAY-U1B Datasheet
103Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 13-May-08
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com