전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC2707 데이터시트(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

부품명 MC2707
상세설명  Open Carrier Double-Balanced Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MC2707 데이터시트(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MC2707 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MC2707 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MC2707 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Open Carrier Double-Balanced Mixer
For Microwave Telecommunications
Rev. V2
MC2707
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO 10.0 TO 15.0 GHz
• RF 10.0 TO 15.0 GHz
• IF DC TO 2.0 GHz
• LO DRIVE +7 dBm (NOMINAL)
• MICROSTRIP INTERFACE
Description
The MC2707 is a double balanced mixer, designed for use in
military, commercial and test equipment applications. The design
utilizes Schottky ring quad diodes and broadband soft dielectric
and ferrite baluns to attain excellent performance. This mixer can
also be used as a phase detector and/or bi-phase modulator since
the IF port is DC coupled to the diodes.
The use of high
temperature solder and welded assembly processes used
internally makes it ideal for use in manual, semi-automated
assembly.
Environmental screening available to MIL-STD-883,
MIL-STD-202, or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
MC2707
Open Carrier
MC2707-2
Open Carrier
Electrical Specifications: Z0 = 50Ω Lo = +7 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-54º to +85ºC
SSB Conversion Loss
(max) & SSB Noise
Figure (max)
fR =10 to 15 GHz , fL = 10 to 15 GHz , fI = 0.01 to 1 GHz
fR =10 to 15 GHz , fL = 10 to 15 GHz , fI = 0.01 to 2 GHz
dB
dB
5.6
7.0
7.0
9.0
7.5
9.5
Isolation, L to R (min)
fL = 10 to 15 GHz
dB
35
30
28
Isolation, L to I (min)
fL = 10 to 15 GHz
dB
35
22
20
Isolation, R to I (min)
fL = 10 to 15 GHz
dB
45
1 dB Conversion Comp.
fL = +7 dBm
dBm
+0
Input IP3
fR1 = 11.5 GHz at –10 dBm, fR2 = 11.51 GHz at –10 dBm,
fL = 12.5 GHz at +7 dBm
dBm
+11
Product Image


유사한 부품 번호 - MC2707

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
MC2707 MACOM-MC2707 Datasheet
245Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
logo
M/A-COM Technology Solu...
MC2707 MA-COM-MC2707 Datasheet
97Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC2707 MA-COM-MC2707 Datasheet
97Kb / 3P
   Open Carrier Double-Balanced Mixer
logo
Tyco Electronics
MC2707-2 MACOM-MC2707-2 Datasheet
245Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
logo
M/A-COM Technology Solu...
MC2707-2 MA-COM-MC2707-2 Datasheet
97Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
More results

유사한 설명 - MC2707

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
MC2420 MA-COM-MC2420 Datasheet
97Kb / 3P
   Open Carrier Double-Balanced Mixer Open Carrier Double-Balanced Mixer
MC2410 MA-COM-MC2410_15 Datasheet
95Kb / 3P
   Open Carrier Double-Balanced Mixer
MC2710 MA-COM-MC2710_15 Datasheet
95Kb / 3P
   Open Carrier Double-Balanced Mixer
MC2720 MA-COM-MC2720_15 Datasheet
98Kb / 3P
   Open Carrier Double-Balanced Mixer
MC4507 MA-COM-MC4507_15 Datasheet
120Kb / 3P
   Open Carrier Double-Balanced Mixer
MC2110 MA-COM-MC2110 Datasheet
92Kb / 3P
   Open Carrier Double-Balanced Mixer
MC4120 MA-COM-MC4120 Datasheet
272Kb / 3P
   Open Carrier Double-Balanced Mixer
MC4513 MA-COM-MC4513 Datasheet
121Kb / 3P
   Open Carrier Double-Balanced Mixer
MC4510 MA-COM-MC4510 Datasheet
122Kb / 3P
   Open Carrier Double-Balanced Mixer
MC2110 MA-COM-MC2110_15 Datasheet
92Kb / 3P
   Open Carrier Double-Balanced Mixer
MC2707 MA-COM-MC2707_15 Datasheet
97Kb / 3P
   Open Carrier Double-Balanced Mixer
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com