전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDZ51B 데이터시트(PDF) 2 Page - Rohm

부품명 KDZ51B
상세설명  KDZ series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

KDZ51B 데이터시트(HTML) 2 Page - Rohm

  KDZ51B Datasheet HTML 1Page - Rohm KDZ51B Datasheet HTML 2Page - Rohm KDZ51B Datasheet HTML 3Page - Rohm KDZ51B Datasheet HTML 4Page - Rohm KDZ51B Datasheet HTML 5Page - Rohm KDZ51B Datasheet HTML 6Page - Rohm KDZ51B Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
KDZ series
lElectrical characteristics
(Ta= 25°C)
MIN.
TYP.
MAX.
IZ(mA)
MAX.
VR(V)
KDZ 3.6B
3.600
3.813
4.000
40.0
60.0
1.0
KDZ 3.9B
3.900
4.136
4.400
40.0
40.0
1.0
KDZ 4.3B
4.300
4.572
4.800
40.0
20.0
1.0
KDZ 4.7B
4.700
4.924
5.200
40.0
20.0
1.0
KDZ 5.1B
5.100
5.368
5.700
40.0
20.0
1.0
KDZ 5.6B
5.600
5.856
6.300
40.0
20.0
1.5
KDZ 6.2B
6.200
6.509
7.000
40.0
20.0
3.0
KDZ 6.8B
6.800
7.280
7.700
40.0
20.0
3.5
KDZ 7.5B
7.500
7.889
8.400
40.0
20.0
4.0
KDZ 8.2B
8.200
8.655
9.300
40.0
20.0
5.0
KDZ 9.1B
9.100
9.747
10.200
40.0
20.0
6.0
KDZ 10B
10.000
10.310
11.200
40.0
10.0
7.0
KDZ 11B
11.000
11.510
12.300
20.0
10.0
8.0
KDZ 12B
12.000
12.500
13.500
20.0
10.0
9.0
KDZ 13B
13.300
13.820
15.000
20.0
10.0
10.0
KDZ 15B
14.700
15.350
16.500
20.0
10.0
11.0
KDZ 16B
16.200
16.860
18.300
20.0
10.0
12.0
KDZ 18B
18.000
19.000
20.300
20.0
10.0
13.0
KDZ 20B
20.000
20.820
22.400
20.0
10.0
15.0
KDZ 22B
22.000
23.850
24.500
10.0
10.0
17.0
KDZ 24B
24.000
25.310
27.600
10.0
10.0
19.0
KDZ 27B
27.000
28.700
30.800
10.0
10.0
21.0
KDZ 30B
30.000
31.570
34.000
10.0
10.0
23.0
KDZ 33B
33.000
34.950
37.000
10.0
10.0
25.0
KDZ 36B
36.000
39.240
40.000
10.0
10.0
27.0
*
The Zener voltage (Vz) is measured 40ms after power is supplied.
lMARKING
(TYPE NO.)
TYP.
Reverse current
: IR(mA)
Zener voltage : VZ(V)
Symbol
TYPE
TYPE NO.
TYPE
TYPE NO.
KDZ 3.6B
GB
KDZ 12B
VB
KDZ 3.9B
HB
KDZ 13B
WB
KDZ 4.3B
JB
KDZ 15B
XB
KDZ 4.7B
KB
KDZ 16B
YB
KDZ 5.1B
LB
KDZ 18B
ZB
KDZ 5.6B
MB
KDZ 20B
AD
KDZ 6.2B
NB
KDZ 22B
BD
KDZ 6.8B
PB
KDZ 24B
CD
KDZ 7.5B
QB
KDZ 27B
DD
KDZ 8.2B
RB
KDZ 30B
ED
KDZ 9.1B
SB
KDZ 33B
FD
KDZ 10B
TB
KDZ 36B
GD
KDZ 11B
UB
 
2/6
2013.11 - Rev.G


유사한 부품 번호 - KDZ51B

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDZ51EV KEC-KDZ51EV Datasheet
96Kb / 3P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE(CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
More results

유사한 설명 - KDZ51B

제조업체부품명데이터시트상세설명
logo
Altech corporation
AK2-XPX-KDX ALTECH-AK2-XPX-KDX Datasheet
287Kb / 1P
   30 mm Key Selector Switch Metal Operator AK2-xPy-KDz
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com