전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN4803 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 FAN4803
상세설명  8-Pin PFC and PWM Controller Combo
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4803 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN4803 Datasheet HTML 4Page - Fairchild Semiconductor FAN4803 Datasheet HTML 5Page - Fairchild Semiconductor FAN4803 Datasheet HTML 6Page - Fairchild Semiconductor FAN4803 Datasheet HTML 7Page - Fairchild Semiconductor FAN4803 Datasheet HTML 8Page - Fairchild Semiconductor FAN4803 Datasheet HTML 9Page - Fairchild Semiconductor FAN4803 Datasheet HTML 10Page - Fairchild Semiconductor FAN4803 Datasheet HTML 11Page - Fairchild Semiconductor FAN4803 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PRODUCT SPECIFICATION
FAN4803
REV. 1.2.3 11/2/04
9
VCC OVP
VCC is assumed to be a voltage proportional to the PFC
output voltage, typically a bootstrap winding off the boost
inductor. The VCC OVP comparator senses when this volt-
age exceeds 16V, and terminates the PFC output drive while
disabling the VEAO current sink. Once the VEAO current
sink is disabled, the VEAO voltage will charge unabated,
except for a diode clamp to VCC, reducing the PFC pulse
width. Once the VCC rail has decreased to below 16.2V the
VEAO sink will be enabled, discharging external VEAO
compensation components until the steady state voltage is
reached. Given that 15V on VCC corresponds to 400V on
the PFC output, 16V on VCC corresponds to an OVP level of
426V.
Component Reduction
Components associated with the VRMS and IRMS pins of a
typical PFC controller such as the ML4824 have been elimi-
nated. The PFC power limit and bandwidth does vary with
line voltage. Double the power can be delivered from a 220
V AC line versus a 110 V AC line. Since this is a combina-
tion PFC/PWM, the power to the load is limited by the PWM
stage.
Figure 10. Typical Peak Current Mode Waveforms
Figure 11. FAN4803 PFC Control
VISENSE
VC1 RAMP
GATE
DRIVE
OUTPUT
CZERO
ISENSE
VC1
5V
VI SENSE
GATE
OUTPUT
RCOMP
RP
VOUT = 400V
VEAO
35
µA
R1
4
+
COMP
–4
3
CCOMP
C1
30pF


유사한 부품 번호 - FAN4803

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN4803 FAIRCHILD-FAN4803 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803 FAIRCHILD-FAN4803 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803 FAIRCHILD-FAN4803 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803 FAIRCHILD-FAN4803 Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
FAN4803CP-1 FAIRCHILD-FAN4803CP-1 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results

유사한 설명 - FAN4803

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803 FAIRCHILD-FAN4803 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2 FAIRCHILD-FAN4803CS2 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
logo
Champion Microelectroni...
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
CM6903B CHAMP-CM6903B Datasheet
222Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com