전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA6219BFP 데이터시트(PDF) 3 Page - Rohm

부품명 BA6219BFP
상세설명  2.0A or More Reversible Motor Drivers (Single Motor)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA6219BFP 데이터시트(HTML) 3 Page - Rohm

  BA6219BFP Datasheet HTML 1Page - Rohm BA6219BFP Datasheet HTML 2Page - Rohm BA6219BFP Datasheet HTML 3Page - Rohm BA6219BFP Datasheet HTML 4Page - Rohm BA6219BFP Datasheet HTML 5Page - Rohm BA6219BFP Datasheet HTML 6Page - Rohm BA6219BFP Datasheet HTML 7Page - Rohm BA6219BFP Datasheet HTML 8Page - Rohm BA6219BFP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Technical Note
3/10
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BA6219BFP-Y,BA6222
●Electrical characteristic curves (Reference data)
Fig.1
Supply current 1 (standby)
Fig.2
Supply current 2 (reverse)
Fig.3
Supply current 3 (brake)
(BA6219BFP-Y)
(BA6219BFP-Y)
(BA6219BFP-Y)
Fig.4
Supply current 1 (standby)
Fig.5
Supply current 2 (reverse)
Fig.6
Supply current 3 (brake)
(BA6222)
(BA6222)
(BA6222)
Fig.7
Output high voltage
Fig.8
Output high voltage
Fig.9
Output low voltage
(BA6219BFP-Y)
(BA6222)
(BA6219BFP-Y)
Fig.10 Output low voltage
Fig.11
Thermal derating curve
Fig.12
Thermal derating curve
(BA6222)
(HSOP25)
(HSIP10)
0.5
1.0
1.5
2.0
8
10
1214
1618
Supply Voltage: Vcc [V]
-25°C
25°C
75°C
10
15
20
25
8
1012141618
Supply Voltage: Vcc [V]
-25°C
25°C
75°C
10
20
30
40
8
1012141618
Supply Voltage: Vcc [V]
-25°C
25°C
75°C
0.5
1.0
1.5
2.0
8
10
1214
1618
Supply Voltage: Vcc [V]
-25°C
25°C
75°C
10
15
20
25
8
1012141618
Supply Voltage: Vcc [V]
-25°C
25°C
75°C
10
20
30
40
8
1012141618
Supply Voltage: Vcc [V]
-25°C
25°C
75°C
6.0
6.5
7.0
7.5
8.0
0
0.5
1
1.5
2
Output Current: Iout [A]
75°C
25°C
-25°C
-25°C
25°C
75°C
9.0
9.5
10.0
10.5
11.0
0
0.5
1
1.5
2
Output Current: Iout [A]
75°C
25°C
-25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
00.5
11.5
2
Output Current: Iout [A]
75°C
25°C
-25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1
1.5
2
Output Current: Iout [A]
75°C
25°C
-25°C
0
1
2
3
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [°C]
i)0.85W
ii)1.45W
ii) Mounted on ROHM standard PCB
(70mm x 70mm x 1.6mm FR4 glas s-epox y board)
i) Package only
0
1
2
3
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [°C]
i) 2.0W
i) Without heat sink


유사한 부품 번호 - BA6219BFP

제조업체부품명데이터시트상세설명
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
108Kb / 7P
   Reversible motor driver
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
225Kb / 5P
   Motor driver with DC brush
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
312Kb / 11P
   Reversible motor drivers (up to 2A series)
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
637Kb / 9P
   DC Brush Motor Driver for Paper Feed or Carriage Use
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
More results

유사한 설명 - BA6219BFP

제조업체부품명데이터시트상세설명
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6247FP-Y ROHM-BA6247FP-Y_11 Datasheet
265Kb / 12P
   1.0A or More Reversible Motor Drivers (2 Motors)
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BD7931F-E2 ROHM-BD7931F-E2 Datasheet
396Kb / 11P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM ROHM-BH6578FVM_11 Datasheet
253Kb / 9P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BA6950FS ROHM-BA6950FS_10 Datasheet
272Kb / 10P
   Reversible Motor Drivers for 0.8A or less (1 Motor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com