전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA5814FM-E2 데이터시트(PDF) 2 Page - Rohm

부품명 BA5814FM-E2
상세설명  5 Channel Drivers/Regulator for car Mini Disk
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA5814FM-E2 데이터시트(HTML) 2 Page - Rohm

  BA5814FM-E2 Datasheet HTML 1Page - Rohm BA5814FM-E2 Datasheet HTML 2Page - Rohm BA5814FM-E2 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Application circuit
Power supply voltage
Quiescent current
<BTL driver>
Output offset voltage
Maximum output voltage
Closed loop voltage gain (CH1)
Closed loop voltage gain (CH2)
Closed loop voltage gain (CH3, 4)
<Regulator>
Threshold voltage of REG-P pin
Output sink current of REG-B pin
ICC
Voo
VOM
GVC1
GVC2
GVC3
VREGPTH
ISIN
mA
mV
V
dB
dB
dB
V
mA
V
4.3
13.2
50
19.8
26.3
13.5
1.26
0
4.0
18.0
24.5
12.0
1.20
–50
3.6
16.2
22.7
10.5
1.14
10
No load
(Unless otherwise noted, Ta=25˚C, PREVcc=RVcc=8V, POWVcc1,2=5V, BIAS=1.65V, R L=8Ω )
Electrical characteristics
Conditions
Parameter
Symbol
Unit
Min.
Typ.
Max.
Parameter
Symbol
Unit
Min.
Typ.
Max.
V
4.3
PREVcc
PREVcc
POWVcc
Input bias current of REG-P pin
<Loading driver>
Output saturation voltage 1
Output adjustable gain on
"H" side voltage
IBOP
VSAT1
GVH
nA
V
dB
300
1.5
11.0
20
1.1
9.2
0.7
7.4
I L=200mA (Upper + Lower)
"H" side output for GND
This product is not designed for protection against radioactive rays.
Guaranteed operating ranges (Ta=25 ˚C)
17
23


유사한 부품 번호 - BA5814FM-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BA5814FM ROHM-BA5814FM Datasheet
403Kb / 3P
   5 channel BTL Driver for CD
BA5814FM ROHM-BA5814FM Datasheet
352Kb / 7P
   Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM Datasheet
132Kb / 6P
   Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM_1 Datasheet
352Kb / 7P
   Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM_2 Datasheet
132Kb / 6P
   Power Driver For Compact Disc Players
More results

유사한 설명 - BA5814FM-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BA5810FP-E2 ROHM-BA5810FP-E2 Datasheet
283Kb / 3P
   5 Channel Drivers/Regulator for car Mini Disk
BA5810FM-E2 ROHM-BA5810FM-E2 Datasheet
283Kb / 3P
   5 Channel Drivers/Regulator for car Mini Disk
BA5813FM ROHM-BA5813FM Datasheet
204Kb / 2P
   5 Channel Drivers/Regulator for car Mini Disk
logo
Sanyo Semicon Device
LA6569 SANYO-LA6569 Datasheet
132Kb / 7P
   5-channel Driver for Compact Disk
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
Sanyo Semicon Device
LA6571 SANYO-LA6571 Datasheet
137Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
logo
Rohm
BA4911 ROHM-BA4911 Datasheet
220Kb / 3P
   System regulator for car stereo
logo
Sanyo Semicon Device
LA6558 SANYO-LA6558 Datasheet
90Kb / 10P
   6-CH Driver for Mini Disk
logo
Rohm
BA4908 ROHM-BA4908 Datasheet
214Kb / 3P
   System Regulator for Car Stereo
logo
Sony Corporation
CXA2765ER SONY-CXA2765ER Datasheet
388Kb / 32P
   5-channel 3-LD Driver for Optical Disk Drive
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com