전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF13WBP-20P 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 LF13WBP-20P
상세설명  Miniature Waterproof Shielded Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LF13WBP-20P 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  LF13WBP-20P Datasheet HTML 1Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 2Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 3Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 4Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 5Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 6Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 7Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 8Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Miniature Waterproof Shielded Connectors
LF Series
sFeatures
1. Ease of shielded termination and connector
assembly
All components are self-aligning and do not require complex
assembly tooling. The shield of the cable is connected with the
metal housing of the connector using simple shielding clamp,
supplied with the connector.
2. Water and dust protected
IP68 protection rating. Complete protection against dust
penetration and against water penetration when mated
assembly is submerged at the depth of 1.8 meter for 48 hours.
3. Bayonet lock
Short turn bayonet lock assures secure vibration resistant
mating of the connectors.
4. Acquired safety standard
4 pos. is 10A and meets safety standards (TÜV)
Also 3- and 4-pos. have acquired the UL standard.
5. High current rating capacity
2011.5
Mating:
Insert the plug, and then turn the locking collar clockwise,
as indicated by the coupling direction marking.
Plug
Locking collar
Receptacle
Un-mating:
Turn the locking collar counter-clockwise
than pull off the plug.
Coupling direction marking
Coupling direction marking
2
1
1
2
36.4
Receptacle
Plug
8.9 mm max. (3 pos.)
Mated dimensions (Example : LF07)
Short turn bayonet lock
Built-in shield
connection spring
Cable shielding connection clamp
Cable
Shielding Connection - Plug
Number of contacts
3
4
6, 12 and 20
11
Current rating
5A max.
10A max.
2A max.
10A max.
2A max.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


유사한 부품 번호 - LF13WBP-20P

제조업체부품명데이터시트상세설명
logo
Hirose Electric
LF13WBP-20P HIROSE-LF13WBP-20P Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
More results

유사한 설명 - LF13WBP-20P

제조업체부품명데이터시트상세설명
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com