전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF13WBP-20P 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 LF13WBP-20P
상세설명  Miniature Waterproof Shielded Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LF13WBP-20P 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button LF13WBP-20P Datasheet HTML 6Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 7Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 8Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 9Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 10Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 11Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 12Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 13Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LF SeriesqMiniature Waterproof Shielded Connectors
No.
4
Soldering
1
Insulator
Contact
Wire
Cmm
Heat-shrink tubing
– 1
2
3
2
– 2 3, 4, 11
(No.A∼D) Conductors
2
3
Insulator
Insulator wall
Insulator
0.5 mm min.
Wire insulation
– 2
Wire insulation
Shielding mesh
(Folded back)
Insulator wall
Contact
Contact
Solder
D
Cable outer jacket
After the soldering, keep a distance of
D
between the contact end and the cable’s
outer jacket as illustrated.
Soldering conditions
Soldering iron tip temperature: 350±10ç
Soldering time: within 5 sec.
Notes
(1)
(2)
Assure that the solder compound is
sufficiently melted on the soldering iron tip.
When applying, make sure that the solder will
flow correctly at all the contact surfaces
between the conductor and the contact.
2 – 1 6, 12, 20, 11(No.1∼7) Conductors
(1)
(2)
(3)
Place a heat-shrink tubing (inside diameter of
1.1 mm min.) over every other wire.
Perform the soldering of the contact and the
conductor, with the wire’s insulation touching
the contact as shown.
After soldering, slide the heat shrink tubing
over the soldered joint and shrink it. The
tubing should touch the insulator as shown.
(1)
(2)
Perform the soldering of the contact and the
conductor, with the wire’s insulation touching
the contact as illustrated.
When soldering, to maintain the insulation
between adjacent contacts. Make sure that
the wire’s insulation remains below the edge
of the insulator’s wall 0.5 mm min., as
illustrated.
Note
The distance of
D is required in order to
assure correct assembly of the backshell.
Illustration
Operation
Number of Conductors
3
6
D mm
6 to 7
4
18 to 19
12
10 to 11
13 to 14
11
20
Table 4. Wire Dimensions
C mm
12
6
4
4
6
4
6
6
4
1 to 6
1 to 9
10 to 12
1 to 5,16 to 20
6 to 15
1 to 4
5 to 7
20
11
Table 3 Heat shrink tubing Dimensions
Number of
Conductors
Number of
contacts
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


유사한 부품 번호 - LF13WBP-20P

제조업체부품명데이터시트상세설명
logo
Hirose Electric
LF13WBP-20P HIROSE-LF13WBP-20P Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
More results

유사한 설명 - LF13WBP-20P

제조업체부품명데이터시트상세설명
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com