전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF10WBR-12P 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 LF10WBR-12P
상세설명  Miniature Waterproof Shielded Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LF10WBR-12P 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button LF10WBR-12P Datasheet HTML 2Page - List of Unclassifed Manufacturers LF10WBR-12P Datasheet HTML 3Page - List of Unclassifed Manufacturers LF10WBR-12P Datasheet HTML 4Page - List of Unclassifed Manufacturers LF10WBR-12P Datasheet HTML 5Page - List of Unclassifed Manufacturers LF10WBR-12P Datasheet HTML 6Page - List of Unclassifed Manufacturers LF10WBR-12P Datasheet HTML 7Page - List of Unclassifed Manufacturers LF10WBR-12P Datasheet HTML 8Page - List of Unclassifed Manufacturers LF10WBR-12P Datasheet HTML 9Page - List of Unclassifed Manufacturers LF10WBR-12P Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LF SeriesqMiniature Waterproof Shielded Connectors
sCAP
qFor Receptacles
B
Part number
CL No.
Applicable connector
ØA
B
Weight
LF10WBR-C
LF13WBR-C
136-3001-8-00
136-3003-3-00
LF10EBR-4P
LF10WBR-4S
LF10WBR-12P
LF10WBR-12S
LF10WBRB-4P
LF10WBRB-12P
LF10WBRB-12S
LF10WBRB-12PD
LF10WBRB-12SD
LF13WBR-20P
LF13WBR-20S
LF13WBR-11P
LF13WBR-11S
14.8
17.9
8.8
8.75
5g
7g
Unit:mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


유사한 부품 번호 - LF10WBR-12P

제조업체부품명데이터시트상세설명
logo
Hirose Electric
LF10WBR-12P HIROSE-LF10WBR-12P Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
More results

유사한 설명 - LF10WBR-12P

제조업체부품명데이터시트상세설명
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com