전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC6946010R 데이터시트(PDF) 5 Page - Panasonic Semiconductor

부품명 FC6946010R
상세설명  Dual N-channel MOS FET For switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FC6946010R 데이터시트(HTML) 5 Page - Panasonic Semiconductor

  FC6946010R Datasheet HTML 1Page - Panasonic Semiconductor FC6946010R Datasheet HTML 2Page - Panasonic Semiconductor FC6946010R Datasheet HTML 3Page - Panasonic Semiconductor FC6946010R Datasheet HTML 4Page - Panasonic Semiconductor FC6946010R Datasheet HTML 5Page - Panasonic Semiconductor FC6946010R Datasheet HTML 6Page - Panasonic Semiconductor FC6946010R Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Product Standards
MOS FET
FC6946010R
Technical Data ( reference )
Page
Vth - Ta
RDS(on) - Ta
PD - Ta
5of
Rth - tsw
6
0
0.5
1
1.5
2
2.5
-50
0
50
100
150
Temperature (℃)
0
2
4
6
8
10
-50
0
50
100
150
Temperature (℃)
VGS = 2.5 V
4.0 V
0
0.05
0.1
0.15
0.2
0
50
100
150
Temperature Ta (
C)
1
10
100
1000
0.001 0.01
0.1
1
10
100
1000
Pulse Width tsw (s)
Doc No. TT4-EA-12652
Revision. 2
Established : 2010-06-25
Revised
: 2013-07-04


유사한 부품 번호 - FC6946010R

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
FC694601 PANASONIC-FC694601 Datasheet
553Kb / 5P
   Silicon N-channel MOS FET
More results

유사한 설명 - FC6946010R

제조업체부품명데이터시트상세설명
logo
NEC
2SK1581 NEC-2SK1581 Datasheet
239Kb / 8P
   N-CHANNEL MOS FET FOR SWITCHING
2SK1485 NEC-2SK1485 Datasheet
288Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
2SK1657 NEC-2SK1657 Datasheet
359Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
2SK1824 NEC-2SK1824 Datasheet
63Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
2SK1586 NEC-2SK1586 Datasheet
312Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
2SK1587 NEC-2SK1587 Datasheet
284Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
2SK1591 NEC-2SK1591 Datasheet
391Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
2SK1592 NEC-2SK1592 Datasheet
316Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
2SK1590 NEC-2SK1590 Datasheet
250Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
2SK1484 NEC-2SK1484 Datasheet
267Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com