전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL1539 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL1539
상세설명  Dual Channel Differential VDSL2 Line Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1539 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL1539 Datasheet HTML 3Page - Intersil Corporation ISL1539 Datasheet HTML 4Page - Intersil Corporation ISL1539 Datasheet HTML 5Page - Intersil Corporation ISL1539 Datasheet HTML 6Page - Intersil Corporation ISL1539 Datasheet HTML 7Page - Intersil Corporation ISL1539 Datasheet HTML 8Page - Intersil Corporation ISL1539 Datasheet HTML 9Page - Intersil Corporation ISL1539 Datasheet HTML 10Page - Intersil Corporation ISL1539 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ISL1539
8
FN7516.4
June 21, 2013
FIGURE 17. PSRR vs FREQUENCY
FIGURE 18. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 19. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves (Continued)
VS = ±12V
RL = 1kΩ
PSRR-
PSRR+
QFN-24
θJA = +38°C/W
3.378W
AMBIENT TEMPERATURE (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
25
50
75 85 100
125
150
JEDEC JESD51-7 HIGH EFFECTIVE
THERMAL CODCTIVITY TEST BOARD
JEDEC JESD51-3 LOW EFFECTIVE
THERMAL CODCTIVITY TEST BOARD
AMBIENT TEMPERATURE (°C)
0
25
50
75 85 100
125
150
0.0
QFN-24
θJA = +140°C/W
893mW
0.2
0.4
0.6
0.8
1.0
1.2


유사한 부품 번호 - ISL1539

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL1539 INTERSIL-ISL1539 Datasheet
35Kb / 2P
   Dual Channel Differential VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
ISL1539A INTERSIL-ISL1539A Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
ISL1539A INTERSIL-ISL1539A Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
More results

유사한 설명 - ISL1539

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
Intersil Corporation
ISL1539 INTERSIL-ISL1539_07 Datasheet
35Kb / 2P
   Dual Channel Differential VDSL2 Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com