전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL12020MIRZ 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL12020MIRZ
상세설명  Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12020MIRZ 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL12020MIRZ Datasheet HTML 3Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 4Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 5Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 6Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 7Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 8Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 9Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 10Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
ISL12020M
7
FN6667.5
December 13, 2011
FoutV
Oscillator Stability vs Voltage
2.7V
 VDD  5.5V
-3
+3
ppm
15
Temperature Sensor Accuracy
VDD = VBAT = 3.3V
±2
°C
15
IRQ/FOUT (OPEN DRAIN OUTPUT)
VOL
Output Low Voltage
VDD = 5V, IOL = 3mA
0.4
V
VDD = 2.7V, IOL = 1mA
0.4
V
DC Operating Characteristics - RTC Test Conditions: VDD = +2.7 to +5.5V, TA= -40°C to +85°C,unlessotherwise stated. Boldface
limits apply over the operating temperature range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 8)
TYP
(Note 9)
MAX
(Note 8)
UNITS
NOTES
Power-Down Timing Test Conditions: VDD = +2.7 to +5.5V, Temperature = -40°C to +85°C, unless otherwise stated. Boldface limits apply
over the operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 8)
TYP
(Note 9)
MAX
(Note 8)
UNITS
NOTES
VDDSR-
VDD Negative Slew Rate
10
V/ms
14
VDDSR+
VDD Positive Slew Rate, Minimum
.05
V/ms
17
I2C Interface Specifications Test Conditions: VDD = +2.7 to +5.5V, Temperature = -40°C to +85°C, unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP (Note 9)
MAX
(Note 8)
UNITS
NOTES
VIL
SDA and SCL Input Buffer LOW
Voltage
-0.3
0.3 x VDD
V
VIH
SDA and SCL Input Buffer HIGH
Voltage
0.7 x VDD
VDD + 0.3
V
Hysteresis
SDA and SCL Input Buffer
Hysteresis
0.05 x VDD
V15, 16
VOL
SDA Output Buffer LOW Voltage,
Sinking 3mA
VDD = 5V, IOL = 3mA
0
0.02
0.4
V
CPIN
SDA and SCL Pin Capacitance
TA = +25°C, f = 1MHz, VDD =
5V, VIN =0V, VOUT = 0V
10
pF
15, 16
fSCL
SCL Frequency
400
kHz
tIN
Pulse Width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the
max spec is suppressed.
50
ns
tAA
SCL Falling Edge to SDA Output
Data Valid
SCL falling edge crossing
30% of VDD, until SDA exits
the 30% to 70% of VDD
window.
900
ns
tBUF
Time the Bus Must be Free Before
the Start of a New Transmission
SDA crossing 70% of VDD
during a STOP condition, to
SDA crossing 70% of VDD
during the following START
condition.
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VDD
crossing.
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VDD
crossing.
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA
falling edge. Both crossing
70% of VDD.
600
ns


유사한 부품 번호 - ISL12020MIRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL12020MIRZ INTERSIL-ISL12020MIRZ Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12020MIRZ RENESAS-ISL12020MIRZ Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-EVALZ RENESAS-ISL12020MIRZ-EVALZ Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12020MIRZ-T INTERSIL-ISL12020MIRZ-T Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

유사한 설명 - ISL12020MIRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com