전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB240S 데이터시트(PDF) 2 Page - EIC discrete Semiconductors

부품명 SB240S
상세설명  SCHOTTKY BARRIER RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EIC [EIC discrete Semiconductors]
홈페이지  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SB240S 데이터시트(HTML) 2 Page - EIC discrete Semiconductors

  SB240S Datasheet HTML 1Page - EIC discrete Semiconductors SB240S Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( SB220S - SB2B0S )
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
LEAD TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.0
1.5
1.0
0.5
2.5
60
0
75
0
45
30
15
10
1.0
80
0.01
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ= 100
°C
TJ = 25
°C
SB220S
SB230S
SB240S
SB250S
THRU
SB2B0S
1.0
0.1
10
FORWARD VOLTAGE, VOLTS
20
SB250S
SB260S
SB270S
SB220S
SB230S
SB240S
SB280S
SB290S
SB2B0S
TJ = 25
°C
PULSE WIDTH = 300
µs
DUTY CYCLE = 2%


유사한 부품 번호 - SB240S

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
SB240S WTE-SB240S Datasheet
54Kb / 4P
   2.0A SCHOTTKY BARRIER DIODE
logo
Vishay Siliconix
SB240S VISHAY-SB240S Datasheet
94Kb / 4P
   Schottky Barrier Rectifier
Revision: 19-May-08
logo
Sirectifier Global Corp...
SB240S SIRECT-SB240S Datasheet
214Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
logo
EIC discrete Semiconduc...
SB240S EIC-SB240S Datasheet
36Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Vishay Siliconix
SB240S VISHAY-SB240S Datasheet
71Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
More results

유사한 설명 - SB240S

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
ERA83-004 EIC-ERA83-004 Datasheet
33Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB81-004 EIC-ERB81-004 Datasheet
43Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB83-004 EIC-ERB83-004 Datasheet
44Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
SB315SVF EIC-SB315SVF Datasheet
32Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
NXP Semiconductors
BYV143F PHILIPS-BYV143F Datasheet
33Kb / 5P
   Rectifier diodes schottky barrier
August 1996 Rev 1.100
PBYL1025B PHILIPS-PBYL1025B Datasheet
45Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYL1625B PHILIPS-PBYL1625B Datasheet
47Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYR1045F PHILIPS-PBYR1045F Datasheet
41Kb / 6P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
PBYR1645B PHILIPS-PBYR1645B Datasheet
37Kb / 5P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com