전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ8.0A 데이터시트(PDF) 4 Page - EIC discrete Semiconductors

부품명 SMAJ8.0A
상세설명  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EIC [EIC discrete Semiconductors]
홈페이지  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SMAJ8.0A 데이터시트(HTML) 4 Page - EIC discrete Semiconductors

  SMAJ8.0A Datasheet HTML 1Page - EIC discrete Semiconductors SMAJ8.0A Datasheet HTML 2Page - EIC discrete Semiconductors SMAJ8.0A Datasheet HTML 3Page - EIC discrete Semiconductors SMAJ8.0A Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATING AND CHARACTERISTIC CURVES ( SMAJ5.0 - SMAJ170A )
FIG.1 - PULSE DERATING CURVE
FIG.2 - TYPICAL JUNCTION CAPACITANCE
0
25
50
75
100
125
150
175
Ta, AMBIENT TEMPERATURE, (
°C)
FIG.3 - PULSE WAVEFORM
FIG.4 - PEAK PULSE POWER RATING CURVE
FIG.5 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
80
60
40
20
120
100
10
0
0.1
1.0
td, PULSE WIDTH, SEC
100
0.1µs
1.0µs
10µs
100µs
10ms
1.0ms
NON-REPETITIVE
PULSE WAVEFORM
SHOW IN FIG. 3 ,Ta=25
°C
6,000
100
1,000
10
10
20
100
1
2
200
Measured at
Stand-off Voltage
Voltage VWM
VR Measured @
Zero Basic (0V)
TJ = 25°C
f = 1.0 MHz
Vsig = 50 mVP-P
t, TIME(ms)
50
100
0
tf = 10
µs
Peak Value
IPPM
Half Value - IPPM
2
td
0
1.0
2.0
3.0
4.0
Ta=25 ° C
Pulse Width (td) is defined
as that point where the peak
current decays to 50%
of IPPM
VBR, BREAKDOWN VOLTAGE,VOLTS
50
40
30
0
1
5
10
50
100
NUMBER OF CYCLES AT 60 Hz
TJ = TJ max
8.3 ms Single half sine-wave
JEDEC Method
20
10


유사한 부품 번호 - SMAJ8.0A

제조업체부품명데이터시트상세설명
logo
Littelfuse
SMAJ8.0A LITTELFUSE-SMAJ8.0A Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
First Silicon Co., Ltd
SMAJ8.0A FS-SMAJ8.0A Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Jinan Gude Electronic D...
SMAJ8.0A JGD-SMAJ8.0A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Nanjing International G...
SMAJ8.0A DGNJDZ-SMAJ8.0A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SMAJ8.0A LUGUANG-SMAJ8.0A Datasheet
192Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
More results

유사한 설명 - SMAJ8.0A

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com