전자부품 데이터시트 검색엔진 |
|
SS3D 데이터시트(PDF) 2 Page - EIC discrete Semiconductors |
|
SS3D 데이터시트(HTML) 2 Page - EIC discrete Semiconductors |
2 / 2 page RATING AND CHARACTERISTIC CURVES ( SS3A - SS3M ) FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM + NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF. 2. Rise time = 10 ns max., Source Impedance = 50 ohms. 3. All Resistors = Non-inductive Types. FIG.2 - DERATING CURVE FOR OUTPUT FIG.3 - MAXIMUM NON-REPETITIVE PEAK RECTIFIED CURRENT FORWARD SURGE CURRENT 0 25 50 75 100 125 150 175 1 2 4 6 10 20 40 60 100 AMBIENT TEMPERATURE, ( °C) NUMBER OF CYCLES AT 60Hz FIG.4 - TYPICAL FORWARD CHARACTERISTICS FIG.5 - TYPICAL REVERSE CHARACTERISTICS 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 FORWARD VOLTAGE, VOLTS 60Hz RESISTIVE OR INDUCTIVE LOAD 2.4 1.8 1.2 0.6 3.0 100 10 1.0 100 0 125 0 75 50 25 0.1 10 80 0.01 0.01 1.0 0.1 100 140 0 20 40 60 120 PERCENT OF RATED REVERSE VOLTAGE, (%) TJ = 25 °C TJ = 100 °C TJ = 25 °C Pulse Width = 300 µs 2% Duty Cycle 8.3 ms SINGLE HALF SINE WAVE Ta = 50 °C + 0.5 A 0 - 0.25 A - 1.0 A Trr 1 cm SET TIME BASE FOR 15 ns/cm SS3A - SS3D SS3E - SS3G SS3J - SS3M D.U.T. OSCILLOSCOPE ( NOTE 1 ) 1 Ω 50 Ω 10 Ω 50 Vdc (approx) PULSE GENERATOR ( NOTE 2 ) |
유사한 부품 번호 - SS3D |
|
유사한 설명 - SS3D |