전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-4719 데이터시트(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-4719
상세설명  Telecommunications indicators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-4719 데이터시트(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-4719 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Selection Guide
Device
HLMP-
Luminous Intensity Iv (mcd) at 2 mA
Package
Outline
Package Description
Color
Min.
Typ.
Max.
2q1/2
T-1 3/4 Tinted Diffused
Red
4700
1.5
2.3
50
A
4700-C00xx
1.5
2.3
4700-CD0FH
1.5
2.3
4.2
Yellow
4719
0.9
2.1
4719-A00xx
0.9
2.1
Green
4740
1.0
2.3
4740-A00xx
1.0
2.3
4740-AB000
1.0
2.3
3.2
T-1 Tinted Diffused
Red
1700
0.8
2.1
50
B
1700-B00xx
0.8
2.1
Yellow
1719
0.9
2.1
1719-A00xx
0.9
2.1
1719-ABB00
0.9
2.1
2.8
Green
1790
1.0
2.3
1790-A00xx
1.0
2.3
1790-AB0FH
1.0
2.4
3.2
Note:
1. q1/2 is the typical off-axis angle at which the luminous intensity is half the axial luminous intensity.


유사한 부품 번호 - HLMP-4719

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
HLMP-4719 QT-HLMP-4719 Datasheet
183Kb / 2P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-4719 HP-HLMP-4719 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Fairchild Semiconductor
HLMP-4719 FAIRCHILD-HLMP-4719 Datasheet
164Kb / 3P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4719 AVAGO-HLMP-4719 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-4719 AVAGO-HLMP-4719 Datasheet
294Kb / 10P
   Telecommunications indicators
More results

유사한 설명 - HLMP-4719

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700-B00A1 AVAGO-HLMP-1700-B00A1 Datasheet
294Kb / 10P
   Telecommunications indicators
logo
Copal Electronics
PZ-30 COPAL-PZ-30_16 Datasheet
139Kb / 7P
   PRESSURE INDICATORS
logo
Omron Electronics LLC
K3HB OMRON-K3HB Datasheet
1Mb / 32P
   Digital Indicators
logo
OSRAM GmbH
LSYT67B OSRAM-LSYT67B Datasheet
429Kb / 15P
   optical indicators
LSYT676-P2R1-1-Q2S1-35 OSRAM-LSYT676-P2R1-1-Q2S1-35 Datasheet
398Kb / 17P
   optical indicators
LOGT77K OSRAM-LOGT77K Datasheet
519Kb / 16P
   optical indicators
logo
Copal Electronics
PZ-200 COPAL-PZ-200_16 Datasheet
91Kb / 4P
   PRESSURE INDICATORS
logo
QT Optoelectronics
MV53173 QT-MV53173 Datasheet
309Kb / 3P
   PANEL INDICATORS
logo
Carling Technologies
LP1HRR5-9AAY2-1DU CARLINGTECH-LP1HRR5-9AAY2-1DU Datasheet
751Kb / 6P
   Illuminated Indicators
logo
OSRAM GmbH
LSYT676 OSRAM-LSYT676 Datasheet
398Kb / 17P
   optical indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com