전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD2943 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 SD2943
상세설명  HF/VHF/UHF RF power N-channel MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2943 데이터시트(HTML) 1 Page - STMicroelectronics

  SD2943 Datasheet HTML 1Page - STMicroelectronics SD2943 Datasheet HTML 2Page - STMicroelectronics SD2943 Datasheet HTML 3Page - STMicroelectronics SD2943 Datasheet HTML 4Page - STMicroelectronics SD2943 Datasheet HTML 5Page - STMicroelectronics SD2943 Datasheet HTML 6Page - STMicroelectronics SD2943 Datasheet HTML 7Page - STMicroelectronics SD2943 Datasheet HTML 8Page - STMicroelectronics SD2943 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
August 2011
Doc ID 11584 Rev 3
1/15
15
SD2943
HF/VHF/UHF RF power N-channel MOSFETs
Features
High power capability
POUT = 350 W min. with 22dB gain @ 30 MHz
PSAT = 450 W
Low RDS(on)
Thermally enhanced packaging for lower
junction temperatures
Gold metallization
Excellent thermal stability
Common source configuration
Description
The SD2943 is a gold metallized N-channel MOS
field-effect RF power transistor. It is intended for
use in 50 V dc large signal applications up to 150
MHz. The SD2943 offers a 20% higher power
saturation than the SD2933, and is ideal for ISM
applications where reliability and ruggedness are
critical factors.
Figure 1.
Pin connection
M177 Epoxy sealed
4. Source
5. Source
1. Drain
2. Source
3. Gate
1
4
3
2
5
Table 1.
Device summary
Order code
Marking
Base qty.
Package
Packaging(1)
SD2943W
SD2943(1)
25 pcs
M177
Plastic tray
1.
For more details please refer to
Chapter 7: Marking, packing and shipping specifications..
www.st.com


유사한 부품 번호 - SD2943

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
SD2943 STMICROELECTRONICS-SD2943 Datasheet
184Kb / 14P
   RF Power Transistor HF/VHF/UHF N - Channel MOSFETs
logo
List of Unclassifed Man...
SD2943 ETC1-SD2943 Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
More results

유사한 설명 - SD2943

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STAC2942B STMICROELECTRONICS-STAC2942B Datasheet
580Kb / 16P
   HF/VHF/UHF RF power N-channel MOSFETs
January 2014 Rev 7
logo
New Jersey Semi-Conduct...
SD2933 NJSEMI-SD2933 Datasheet
90Kb / 3P
   HF/VHF/UHF RF power N-channel MOSFETs
logo
STMicroelectronics
STAC2932BW STMICROELECTRONICS-STAC2932BW Datasheet
406Kb / 14P
   HF/VHF/UHF RF power N-channel MOSFETs
SD2941-10W STMICROELECTRONICS-SD2941-10W Datasheet
450Kb / 17P
   HF/VHF/UHF RF power N-channel MOSFETs
August 2014 Rev 5
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com